Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP31DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP31DTR2G
Description  3.3V / 5V ECL D Flip?묯lop with Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP31DTR2G Datasheet HTML 1Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 2Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 3Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 4Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 5Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 6Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 7Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 8Page - ON Semiconductor MC10EP31DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP31, MC100EP31
http://onsemi.com
5
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 8)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 9)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 9)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
9. All loading with 50 W to VCC − 2.0 V.
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 10)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 11)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 11)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
11. All loading with 50 W to VCC − 2.0 V.
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 12)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 13)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 13)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
12.Input and output parameters vary 1:1 with VCC.
13.All loading with 50 W to VCC − 2.0 V.


Similar Part No. - MC10EP31DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP31DTR2G ONSEMI-MC10EP31DTR2G Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results

Similar Description - MC10EP31DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com