Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP33DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP33DR2G
Description  3.3V / 5V ECL 첨4 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP33DR2G Datasheet HTML 1Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 2Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 3Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 4Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 5Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 6Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 7Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 8Page - ON Semiconductor MC10EP33DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 9
1
Publication Order Number:
MC10EP33/D
MC10EP33, MC100EP33
3.3V / 5VECL B4 Divider
Description
The MC10/100EP33 is an integrated
B4 divider. The differential
clock inputs.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge.
Upon powerup, the internal flip−flops will attain a random state; the
reset allows for the synchronization of multiple EP33’s in a system.
The 100 Series contains temperature compensation.
Features
320 ps Propagation Delay
Maximum Frequency > 4 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
VBB Output
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
H
= MC10
A = Assembly Location
K
= MC100 L
= Wafer Lot
5Q = MC10
Y = Year
3L
= MC100 W = Work Week
M = Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
ALYWG
G
HP33
ALYWG
G
KP33
MARKING
DIAGRAMS*
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8
HEP33
ALYW
G
1
8
KEP33
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14


Similar Part No. - MC10EP33DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33DR2G ONSEMI-MC10EP33DR2G Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
More results

Similar Description - MC10EP33DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com