Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP52D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP52D
Description  3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP52D Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP52D Datasheet HTML 1Page - ON Semiconductor MC10EP52D Datasheet HTML 2Page - ON Semiconductor MC10EP52D Datasheet HTML 3Page - ON Semiconductor MC10EP52D Datasheet HTML 4Page - ON Semiconductor MC10EP52D Datasheet HTML 5Page - ON Semiconductor MC10EP52D Datasheet HTML 6Page - ON Semiconductor MC10EP52D Datasheet HTML 7Page - ON Semiconductor MC10EP52D Datasheet HTML 8Page - ON Semiconductor MC10EP52D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC10EP52, MC100EP52
http://onsemi.com
2
Figure 1. 8−Lead Pinout (Top View) and Logic Diagram
1
2
3
45
6
7
8
Q
VEE
VCC
D
Q
CLK
CLK
D
D
Flip-Flop
PIN
CLK*, CLK*
FUNCTION
ECL Clock Inputs
D*, D*
ECL Data Input
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
Table 1. PIN DESCRIPTION
D
L
H
CLK
Z
Z
Q
L
H
Z = LOW to HIGH Transition
Table 2. TRUTH TABLE
EP
Exposed pad must be connected to a
sufficient thermal conduit. Electrically
connect to the most negative supply or
leave floating open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
155 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC10EP52D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP52D ONSEMI-MC10EP52D Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP52D ONSEMI-MC10EP52D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP52DG ONSEMI-MC10EP52DG Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC10EP52DR2 ONSEMI-MC10EP52DR2 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP52DR2G ONSEMI-MC10EP52DR2G Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results

Similar Description - MC10EP52D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com