Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC543ADWE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC543ADWE4
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC543ADWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC543ADWE4 Datasheet HTML 1Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 2Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 3Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 4Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 5Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 6Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 7Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 8Page - Texas Instruments SN74LVC543ADWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LEBA
OEBA
A1
A2
A3
A4
A5
A6
A7
A8
CEAB
GND
VCC
CEBA
B1
B2
B3
B4
B5
B6
B7
B8
LEAB
OEAB
DESCRIPTION/ORDERING INFORMATION
SN74LVC543A
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS299H – JANUARY 1993 – REVISED MARCH 2005
Operates From 1.65 V to 3.6 V
Inputs Accept Voltages to 5.5 V
Max tpd of 7 ns at 3.3 V
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This octal registered transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC543A contains two sets of D-type latches for temporary storage of data flowing in either direction.
Separate latch-enable (LEAB or LEBA) and output-enable (OEAB or OEBA) inputs are provided for each register
to permit independent control in either direction of data flow.
The A-to-B enable (CEAB) input must be low to enter data from A or to output data from B. If CEAB is low and
LEAB is low, the A-to-B latches are transparent; a subsequent low-to-high transition of LEAB places the A
latches in the storage mode. With CEAB and OEAB both low, the 3-state B outputs are active and reflect the
data present at the output of the A latches. Data flow for B to A is similar to that of A to B, but uses CEBA, LEBA,
and OEBA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC543ADW
SOIC – DW
LVC543A
Reel of 2000
SN74LVC543ADWR
SSOP – DB
Reel of 2000
SN74LVC543ADBR
LC543A
–40
°C to 85°C
Tube of 60
SN74LVC543APW
TSSOP – PW
Reel of 2000
SN74LVC543APWR
LC543A
Reel of 250
SN74LVC543APWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC543ADWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC543ADW TI-SN74LVC543ADW Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543ADW TI-SN74LVC543ADW Datasheet
174Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543ADW TI1-SN74LVC543ADW Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543ADWG4 TI1-SN74LVC543ADWG4 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543ADWR TI-SN74LVC543ADWR Datasheet
174Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC543ADWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com