Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1682XHCZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UC1682XHCZ
Description  HIGH-VOLTAGE MIXED-SIGNAL IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UC1682XHCZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UC1682XHCZ Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 9Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 10Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 11Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 12Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 13Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 14Page - List of Unclassifed Manufacturers UC1682XHCZ Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
UC1682
80x104RGB CSTN Controller-Driver
Revision 0.6
9
REFERENCE COG LAYOUT
D0
D1
D2
D3
D4
D5
D6
VDDX
D7
COM_pad<80>
COM_pad<78>
COM_pad<52>
COM_pad<50>
SEG_pad<312>
SEG_pad<311>
VSS2
VSS2
VSS2
VSS
VSS
VSS
VSS
VSS
VSS
PRG1
PRG2
PRG3
TST1
TST2
TST3
TST4
TST4
BM1
VDDX
BM0
WR1
VDDX
WR0
CD
CS0
VDDX
CS1
RST_
VREF
ID
VB1P
VB1P
VB1P
VB1P
VB1P
VB0P_S
VB0P
VB0P
VB0P
VB0P
VB0P
VB0P
VB0P
VB0P
VB0P
VDD
VDD
VDD
VDD
VDD
VDD
VDD2
VDD2
VDD2
VDD2
VDD2
VDD3
VDD3
VDD3
VDD3
VSS2
VSS2
SEG_pad<196>
SEG_pad<195>
SEG_pad<194>
VLCDOUT
VLCDOUT
VLCDIN
VLCDIN
VB0N_S
VB0N
VB0N
VB0N
VB0N
VB0N
VB0N
VB0N
VB0N
VB0N
VB1N_S
VB1N
VB1N
VB1N
VB1N
VB1N
VB1N
VB1N
VB1N
VB1N
VB1P_S
VB1P
VB1P
VB1P
VB1P
COM_pad<49>
COM_pad<51>
COM_pad<77>
COM_pad<79>
SEG_pad<62>
SEG_pad<61>
SEG_pad<60>
SEG_pad<59>
SEG_pad<2>
SEG_pad<1>
D7
D6
D5
D4
D3
D2
D1
D0
RST
CS0
WR1
TST4
VSS ~ VSS2
VSS ~ VSS2
VSS ~ VSS2
VDD ~ VDD3
VDD ~ VDD3
VDD ~ VDD3
VDD ~ VDD3
VDD ~ VDD3
VB0+ ~ SB0+
CD
WR0
VB0+ ~ SB0+
VB0+ ~ SB0+
VB1+ ~ SB1+
VB1+ ~ SB1+
VB1+ ~ SB1+
VB1- ~ SB1-
VB1- ~ SB1-
VB1- ~ SB1-
VB1- ~ SB1-
VB0- ~ SB0-
VB0- ~ SB0-
VB0- ~ SB0-
VB0- ~ SB0-
VLCD
VLCD
NC
NC
VSS ~ VSS2
VSS ~ VSS2
Notes for VDD with COG:
The VDD=1.8V-typ operation condition of UC1682 should be met under all LCM formats. Unless VDD, VDD2/3
ITO trances can each be controlled to be 5 Ω or lower, otherwise VDD-VDD2/3 separation can cause the actual
on-chip VDD to drop below VDD=1.7V during high speed data write condition. Therefore, for COG, VDD-VDD2/3
separation is not suitable for pure ITO based COG designs.


Similar Part No. - UC1682XHCZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1602I ETC2-UC1602I Datasheet
705Kb / 38P
   65x102 Matrix LCD Controller-Driver
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
More results

Similar Description - UC1682XHCZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4820 STMICROELECTRONICS-STW4820 Datasheet
163Kb / 7P
   Mixed-signal multimedia and power management IC
logo
HYCON Technology Corpor...
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
   High Precision Mixed-Signal Controller
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
   High Precision Mixed-Signal Controller
logo
Dialog Semiconductor
SLG47105 DIALOG-SLG47105 Datasheet
3Mb / 253P
   GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
logo
Renesas Technology Corp
SLG47105 RENESAS-SLG47105 Datasheet
4Mb / 253P
   GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
1-Mar-2023
logo
HYCON Technology Corpor...
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
   High Precision Mixed-Signal Controller
logo
Renesas Technology Corp
SLG47115 RENESAS-SLG47115 Datasheet
4Mb / 256P
   GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Mar 1, 2023
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com