Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8232T5N Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC8232T5N
Description  B IPOLAR ANALOG INTE GR ATE D CIR CUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8232T5N Datasheet(HTML) 3 Page - California Eastern Labs

  UPC8232T5N Datasheet HTML 1Page - California Eastern Labs UPC8232T5N Datasheet HTML 2Page - California Eastern Labs UPC8232T5N Datasheet HTML 3Page - California Eastern Labs UPC8232T5N Datasheet HTML 4Page - California Eastern Labs UPC8232T5N Datasheet HTML 5Page - California Eastern Labs UPC8232T5N Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P C 8232T5N
AB S OL UT E MAXIMUM R AT ING S
P arameter
S ymbol
T est C onditions
R atings
Unit
S upply Voltage
VCC
T A = + 25°C
4.0
V
P ower-S aving Voltage
VPS
T A = + 25°C
4.0
V
T otal P ower Dissipation
P tot
T A = + 85°C
Note
150
mW
Operating Ambient T emperature
T A
40 to + 85
C
S torage T emperature
T stg
55 to + 150
C
Input P ower
P in
+ 10
dB m
Note Mounted on double-sided copper-clad 50 50 1.6 mm epoxy glass P W B
R E C OMME NDE D OP E R AT ING R ANG E
P arameter
S ymbol
MIN.
T YP .
MAX.
Unit
S upply Voltage
VCC
2.5
3.0
3.3
V
Operating Ambient T emperature
T A
40
+ 25
+ 85
C
P ower S ave T urn-on Voltage
VPSon
1.6
Vcc
V
P ower S ave T urn-off Voltage
VPSoff
0
0.4
V
E L E C T R IC AL C HAR AC T E R IS T IC S
( T A = +25 C , VCC = VPS = 3.0 V, fin = 1575MHz, unles s otherwis e s pecified )
P arameter
S ymbol
T est C onditions
MIN.
T YP .
MAX.
Unit
No signal
(VPS = 3.0 V)
2.3
3.0
4.1
mA
C ircuit C urrent
ICC
At P ower-S aving Mode (VPS = 0 V)
1
A
P ower G ain
G P
P in=-35dB m
15
17
19
dB
Noise Figure
NF
0.95
1.25
dB
Input R eturn Loss
R Lin
7
10
dB
Output R eturn Loss
R Lout
10
20
dB
Isolation
IS L
40
dB
Input 3rd Order Distortion I Intercept
P oint
IIP 3
fin1=1574MHz, fin2=1575MHz
− 8
dB m
G ain 1 dB C ompression Intput P ower
P in (1 dB)
21
dB m


Similar Part No. - UPC8232T5N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8232T5N RENESAS-UPC8232T5N Datasheet
261Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC8232T5N-E2 RENESAS-UPC8232T5N-E2 Datasheet
261Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC8232T5N-E2-A RENESAS-UPC8232T5N-E2-A Datasheet
261Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
More results

Similar Description - UPC8232T5N

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV Datasheet
853Kb / 19P
   BIPOLAR ANALOG INTE
logo
PHOENIX CONTACT
1418247 PHOENIX-1418247 Datasheet
46Kb / 1P
   HC-D 7-AMLR-24/GR
logo
Analog Devices
HMC842 AD-HMC842 Datasheet
961Kb / 11P
   RF ATE Applications
logo
PHOENIX CONTACT
1772272 PHOENIX-1772272 Datasheet
90Kb / 3P
   HC-D 7-AML/GR/PA
1773035 PHOENIX-1773035 Datasheet
102Kb / 3P
   HC-D 7-AML-24/GR
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
   GR Series
logo
Analog Devices
HMC747LC3C AD-HMC747LC3C Datasheet
638Kb / 8P
   RF ATE Applications
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
   RF ATE Applications
logo
PHOENIX CONTACT
1676970 PHOENIX-1676970 Datasheet
105Kb / 4P
   HC-D 7-AMLD-24/GR
1684994 PHOENIX-1684994 Datasheet
95Kb / 3P
   HC-D 7-AMLD-24/GR-OD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com