Electronic Components Datasheet Search |
|
MC10EP52MNR4G Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC10EP52MNR4G Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 12 page MC10EP52, MC100EP52 http://onsemi.com 5 Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 20 34 44 20 35 45 20 37 47 mA VOH Output HIGH Voltage (Note 12) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 12) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VIH Input HIGH Voltage (Single−Ended) 2075 2420 2075 2420 2075 2420 mV VIL Input LOW Voltage (Single−Ended) 1355 1675 1355 1675 1355 1675 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V. 12.All loading with 50 W to VCC − 2.0 V. 13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 20 34 44 20 35 45 20 37 47 mA VOH Output HIGH Voltage (Note 15) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage (Note 15) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mV VIH Input HIGH Voltage (Single−Ended) 3775 4120 3775 4120 3775 4120 mV VIL Input LOW Voltage (Single−Ended) 3055 3375 3055 3375 3055 3375 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 16) 2.0 5.0 2.0 5.0 2.0 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V. 15.All loading with 50 W to VCC − 2.0 V. 16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
Similar Part No. - MC10EP52MNR4G |
|
Similar Description - MC10EP52MNR4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |