Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MJE13003 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MJE13003
Description  SWITCHMODE TM Series NPN Silicon Power Transistor 300 AND 400 VOLTS 40 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 2
1
Publication Order Number:
MJE13003/D
MJE13003
SWITCHMODEt Series NPN
Silicon Power Transistor
These devices are designed for high−voltage, high−speed power
switching inductive circuits where fall time is critical. They are
particularly suited for 115 and 220 V SWITCHMODE applications
such as Switching Regulators, Inverters, Motor Controls,
Solenoid/Relay drivers and Deflection circuits.
Features
Reverse Biased SOA with Inductive Loads @ TC = 100_C
Inductive Switching Matrix 0.5 to 1.5 A, 25 and 100_C
tc @ 1 A, 100_C is 290 ns (Typ)
700 V Blocking Capability
SOA and Switching Applications Information
Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO(sus)
400
Vdc
Collector−Emitter Voltage
VCEV
700
Vdc
Emitter Base Voltage
VEBO
9
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
ICM
1.5
3
Adc
Base Current
− Continuous
− Peak (Note 1)
IB
IBM
0.75
1.5
Adc
Emitter Current
− Continuous
− Peak (Note 1)
IE
IEM
2.25
4.5
Adc
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.4
11.2
W
mW/
_C
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
40
320
W
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to
+150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.12
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
89
_C/W
Maximum Load Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MJE13003
TO−225
500 Units/Box
1.5 AMPERES
NPN SILICON POWER
TRANSISTORS
300 AND 400 VOLTS
40 WATTS
http://onsemi.com
MJE13003G
TO−225
(Pb−Free)
500 Units/Box
TO−225
CASE 77
STYLE 3
2 1
3
MARKING DIAGRAM
YWW
JE
13003G
Y
= Year
WW
= Work Week
JE13003
= Device Code
G
= Pb−Free Package
1 BASE
2 COLLECTOR
3 EMITTER




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MJE5850_068 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS 1 2 3 4 5 MoreON Semiconductor
MJE5740_06NPN Silicon Power Darlington Transistors 8 AMPERES 300−400 VOLTS 80 WATTS 1 2 3 4 5 MoreON Semiconductor
2N6387_06Plastic Medium−Power Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS 60 80 VOLTS 1 2 3 4 5 MoreON Semiconductor
MJH16018NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES 1 2 3 4 5 MoreMotorola, Inc
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC
MJD18002D2POWER TRANSISTOR 2 AMPERES 1000 VOLTS 50 WATTS Bipolar NPN Transistor 1 2 3 4 5 MoreON Semiconductor
BUV26_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
BUV27_03MEDIUM POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl