Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13009G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MJE13009G
Description  12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13009G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MJE13009G Datasheet HTML 2Page - ON Semiconductor MJE13009G Datasheet HTML 3Page - ON Semiconductor MJE13009G Datasheet HTML 4Page - ON Semiconductor MJE13009G Datasheet HTML 5Page - ON Semiconductor MJE13009G Datasheet HTML 6Page - ON Semiconductor MJE13009G Datasheet HTML 7Page - ON Semiconductor MJE13009G Datasheet HTML 8Page - ON Semiconductor MJE13009G Datasheet HTML 9Page - ON Semiconductor MJE13009G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJE13009
http://onsemi.com
8
CIRCUIT
LOAD LINE DIAGRAMS
TIME DIAGRAMS
SERIES SWITCHING
REGULATOR
RINGING CHOKE
INVERTER
PUSH−PULL
INVERTER/CONVERTER
SOLENOID DRIVER
VCC
VO
VCC
VO
N
VCC
VO
VCC
SOLENOID
24 A
12 A
TC = 100°C
TURN−
ON
TURN−
OFF
VCC 400 V
700 V
COLLECTOR VOLTAGE
350 V
TURN−ON (FORWARD BIAS) SOA
ton ≤ 10 ms
DUTY CYCLE ≤ 10%
PD = 4000 W
TURN−OFF (REVERSE BIAS)
SOA
1.5 V ≤ VBE(off) ≤ 9.0 V
DUTY CYCLE ≤ 10%
1
2
1
IC
VCE
VCC
TIME
t
t
24 A
TC = 100°C
12 A
TURN−OFF
TURN−ON
VCC
400 V 1
VCC + N(Vo)
350 V
PD = 4000 W 2
TURN−ON (FORWARD BIAS) SOA
TURN−ON ton ≤ 10 ms
TURN−ON DUTY CYCLE ≤ 10%
TURN−OFF (REVERSE BIAS) SOA
TURN−OFF 1.5 V ≤ VBE(off) ≤ 9.0 V
TURN−OFF DUTY CYCLE ≤ 10%
700 V 1
COLLECTOR VOLTAGE
24 A
12 A
TC = 100°C
TURN−OFF
TURN−ON
VCC 400 V 1
700 V 1
2 VCC
350 V
PD = 4000 W 2
TURN−ON (FORWARD BIAS) SOA
TURN−ON ton ≤ 10 ms
TURN−ON DUTY CYCLE ≤ 10%
TURN−OFF (REVERSE BIAS) SOA
TURN−OFF 1.5 V ≤ VBE(off) ≤ 9.0 V
TURN−OFF DUTY CYCLE ≤ 10%
24 A
12 A
TC = 100°C
TURN−OFF
TURN−ON
VCC 400 V 1
700 V 1
COLLECTOR VOLTAGE
COLLECTOR VOLTAGE
TURN−OFF (REVERSE BIAS) SOA
TURN−OFF 1.5 V ≤ VBE(off) ≤ 9.0 V
TURN−OFF DUTY CYCLE ≤ 10%
350 V
PD = 4000 W 2
TURN−ON (FORWARD BIAS) SOA
TURN−ON ton ≤ 10 ms
TURN−ON DUTY CYCLE ≤ 10%
IC
VCE
VCC
t
t
VCC+
N(Vo)
LEAKAGE
SPIKE
TIME
toff
ton
IC
VCE
ton
toff
t
t
VCC
2 VCC
IC
VCE
ton
toff
t
t
VCC
A
B
C
D
Table 2. Applications Examples of Switching Circuits


Similar Part No. - MJE13009G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE13009G ONSEMI-MJE13009G Datasheet
195Kb / 10P
   NPN Silicon Power Transistors
August, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13009G-K-T3P-T UTC-MJE13009G-K-T3P-T Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009G-K-T3P-T UTC-MJE13009G-K-T3P-T Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009G-K-TA3-T UTC-MJE13009G-K-TA3-T Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009G-K-TA3-T UTC-MJE13009G-K-TA3-T Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13009G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
   30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
2N5989 MOTOROLA-2N5989 Datasheet
257Kb / 4P
   12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com