Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF44H11G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF44H11G
Description  SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF44H11G Datasheet(HTML) 2 Page - ON Semiconductor

  MJF44H11G Datasheet HTML 1Page - ON Semiconductor MJF44H11G Datasheet HTML 2Page - ON Semiconductor MJF44H11G Datasheet HTML 3Page - ON Semiconductor MJF44H11G Datasheet HTML 4Page - ON Semiconductor MJF44H11G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJF44H11 (NPN), MJF45H11 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 30 mA, IB = 0)
VCEO(sus)
80
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, VBE = 0)
ICES
1.0
mA
Emitter Cutoff Current
(VEB = 5 Vdc)
IEBO
10
mA
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.4 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
VBE(sat)
1.5
Vdc
DC Current Gain
(VCE = 1 Vdc, IC = 2 Adc)
hFE
60
DC Current Gain
(VCE = 1 Vdc, IC = 4 Adc)
40
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1 MHz)
MJF44H11
MJF45H11
Ccb
130
230
pF
Gain Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
MJF44H11
MJF45H11
fT
50
40
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 5 Adc, IB1 = 0.5 Adc)
MJF44H11
MJF45H11
td + tr
300
135
ns
Storage Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJF44H11
MJF45H11
ts
500
500
ns
Fall Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJF44H11
MJF45H11
tf
140
100
ns
Figure 1. Thermal Response
t, TIME (ms)
0.01
0.01
0.05
1.0
2.0
5.0
10
20
50
500
1.0 k
0.1
0.5
0.2
1.0
0.2
0.1
0.05
ZqJC(t) = r(t) RqJC
RqJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.02
100
200
0.1
0.02
0.01


Similar Part No. - MJF44H11G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF44H11G ONSEMI-MJF44H11G Datasheet
157Kb / 5P
   Complementary Power Transistors
April, 2009 ??Rev. 6
More results

Similar Description - MJF44H11G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
2N6387 ONSEMI-2N6387_06 Datasheet
79Kb / 6P
   Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
logo
Motorola, Inc
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com