Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJH6284 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJH6284
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH6284 Datasheet(HTML) 3 Page - ON Semiconductor

  MJH6284 Datasheet HTML 1Page - ON Semiconductor MJH6284 Datasheet HTML 2Page - ON Semiconductor MJH6284 Datasheet HTML 3Page - ON Semiconductor MJH6284 Datasheet HTML 4Page - ON Semiconductor MJH6284 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJH6284 (NPN), MJH6284 (PNP)
http://onsemi.com
3
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.03
0.7
0.2
0.1
0.05
0.02
0.05
1.0
3.0
5.0
10
30
50
100
300
500
RqJC(t) = r(t) RqJC
RqJC = 0.78°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.1
0.5
0.2
1000
0.5
0.3
0.07
0.03
0.01
0.02
2.0
20
200
0.3
0.2
0.1
0.05
0.02
0.01
Figure 5. MJH6284, MJH6287
TJ = 150°C
dc
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
0.5 ms
1.0 ms
5.0 ms
0.1 ms
FBSOA, FORWARD BIAS SAFE OPERATING AREA
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION
@TC = 25°C (SINGLE PULSE)
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0
50
60
10
20
80
40
40
10
DUTY CYCLE = 10%
30
20
30
110
100
0
Figure 6. Maximum RBSOA, Reverse Bias
Safe Operating Area
L = 200
mH
IC/IB ≥ 100
TC = 25°C
VBE(off) = 0−5.0 V
RBE = 47 W
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - MJH6284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH6284 MOTOROLA-MJH6284 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284 Datasheet
142Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1998
MJH6284 ONSEMI-MJH6284 Datasheet
130Kb / 7P
   Darlington Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Inchange Semiconductor ...
MJH6284 ISC-MJH6284 Datasheet
258Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJH6284G ONSEMI-MJH6284G Datasheet
130Kb / 7P
   Darlington Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
More results

Similar Description - MJH6284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com