Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9511C14CSRL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9511C14CSRL
Description  Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9511C14CSRL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9511C14CSRL Datasheet HTML 1Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 2Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 3Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 4Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 5Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 6Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 7Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 8Page - Torex Semiconductor XC9511C14CSRL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Preliminary
! PACKAGING INFORMATION
# SOP-8
! BLOCK DIAGRAM
* Diodes shown in the above circuits are protective diodes.
! ABSOLUTE MAXIMUM RATINGS
Ta=25
OC
(*) When PC board mounted.
- 55 ~ + 125
mA
800
mA
V
OC
VROUT Pin Current
VDOUT Pin Current
LX Pin Current
IROUT
ILX
IVD
VDOUT Pin Voltage
LX Pin Voltage
RATINGS
PARAMETER
SYMBOL
UNITS
V
OC
- 40 ~ + 85
- 0.3 ~ 6.5
AVDD - 0.3 ~ AVDD + 0.3
- 0.3 ~ AVDD + 0.3
Continuous Power Dissipation (*)
Tstg
+ 1300
- 0.3 ~ AVDD + 0.3
- 0.3 ~ AVDD + 0.3
650
V
V
V
DCOUT
- 0.3 ~ AVDD + 0.3
mA
mW
SOP-8
Storage Temperature Range
Operating Temperature Range
AVDD
LX
VDOUT
PVDD
VROUT
50
DCOUT Pin Voltage
VROUT Pin Voltage
PVDD pin Voltage
XC9511 Series
Pd
Topr
V
AVDD Pin Voltage
Semiconductor Ltd.
+
-
Vref
with
soft start
PWM/PFM
Controller
Phase
Compensation
+
-
logic
Buffer,
Driver
Current Limit &
Feedback
Ramp Wave
Generator,
OSC
DCOUT
LX
PGND
PVDD
VROUT
AGND
+
-
Current
Li mi t
Vref
AVDD
-
+
U.V.L.O
+
-
VDOUT
Vref
SENSE
(VDD or DCOUT or VROUT)
Data Sheet
3


Similar Part No. - XC9511C14CSRL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511C14C3 TOREX-XC9511C14C3 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511C14C4 TOREX-XC9511C14C4 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
More results

Similar Description - XC9511C14CSRL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com