Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJH11019G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJH11019G
Description  15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH11019G Datasheet(HTML) 2 Page - ON Semiconductor

  MJH11019G Datasheet HTML 1Page - ON Semiconductor MJH11019G Datasheet HTML 2Page - ON Semiconductor MJH11019G Datasheet HTML 3Page - ON Semiconductor MJH11019G Datasheet HTML 4Page - ON Semiconductor MJH11019G Datasheet HTML 5Page - ON Semiconductor MJH11019G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJH11017, MJH11019, MJH11021 (PNP) MJH11018, MJH11020, MJH11022 (NPN)
http://onsemi.com
2
160
0
TC, CASE TEMPERATURE (°C)
40
60
100
120
160
80
140
20
Figure 1. Power Derating
0
20
40
60
80
100
140
120
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 0.1 Adc, IB = 0)
MJH11017, MJH11018
MJH11019, MJH11020
MJH11021, MJH11022
VCEO(sus)
150
200
250
Vdc
Collector Cutoff Current
(VCE = 75 Vdc, IB = 0)
MJH11017, MJH11018
(VCE = 100 Vdc, IB = 0)
MJH11019, MJH11020
(VCE = 125 Vdc, IB = 0)
MJH11021, MJH11022
ICEO
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TJ = 150_C)
ICEV
0.5
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 10 Adc, VCE = 5.0 Vdc)
(IC = 15 Adc, VCE = 5.0 Vdc)
hFE
400
100
15,000
Collector−Emitter Saturation Voltage
(IC = 10 Adc, IB = 100 mA)
(IC = 15 Adc, IB = 150 mA)
VCE(sat)
2.5
4.0
Vdc
Base−Emitter On Voltage (IC = 10 A, VCE = 5.0 Vdc)
VBE(on)
2.8
Vdc
Base−Emitter Saturation Voltage (IC = 15 Adc, IB = 150 mA)
VBE(sat)
3.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain Bandwidth Product (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
3.0
Output Capacitance
MJH11018, MJH11020, MJH11022
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJH11017, MJH11019, MJH11021
Cob
400
600
pF
Small−Signal Current Gain (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
75
SWITCHING CHARACTERISTICS
Typical
Characteristic
Symbol
NPN
PNP
Unit
Delay Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 5.0 V) (See Figure 2)
td
150
75
ns
Rise Time
tr
1.2
0.5
ms
Storage Time
ts
4.4
2.7
ms
Fall Time
tf
2.5
2.5
ms
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.


Similar Part No. - MJH11019G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH11019G ONSEMI-MJH11019G Datasheet
100Kb / 8P
   Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
More results

Similar Description - MJH11019G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com