Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H330PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10H330PG
Description  Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H330PG Datasheet(HTML) 5 Page - ON Semiconductor

  MC10H330PG Datasheet HTML 1Page - ON Semiconductor MC10H330PG Datasheet HTML 2Page - ON Semiconductor MC10H330PG Datasheet HTML 3Page - ON Semiconductor MC10H330PG Datasheet HTML 4Page - ON Semiconductor MC10H330PG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MC10H330
http://onsemi.com
5
PACKAGE DIMENSIONS
CDIP−24
L SUFFIX
CERAMIC DIP PACKAGE
CASE 758−02
ISSUE A
C
N
K
F
G
B
1
24
12
13
L
P
J
SEATING
PLANE
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.240
1.285
31.50
32.64
INCHES
B
0.285
0.305
7.24
7.75
C
0.160
0.200
4.07
5.08
D
0.015
0.021
0.38
0.53
F
0.045
0.062
1.14
1.57
G
0.100 BSC
2.54 BSC
J
0.008
0.013
0.20
0.33
K
0.100
0.165
2.54
4.19
L
0.300
0.310
7.62
7.87
N
0.020
0.050
0.51
1.27
P
0.360
0.400
9.14
10.16
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
0.25 (0.010) M TA M
D 24 PL
−T−
−A−
PDIP−24
P SUFFIX
PLASTIC DIP PACKAGE
CASE 724−03
ISSUE D
NOTES:
1. CHAMFERED CONTOUR OPTIONAL.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
4. CONTROLLING DIMENSION: INCH.
−A−
−B−
24
13
12
1
−T−
SEATING
PLANE
24 PL
K
E
F
N
C
D
G
M
A
M
0.25 (0.010)
T
24 PL
J
M
B
M
0.25 (0.010)
T
L
M
NOTE 1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.230
1.265
31.25
32.13
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.020
0.38
0.51
E
0.050 BSC
1.27 BSC
F
0.040
0.060
1.02
1.52
G
0.100 BSC
2.54 BSC
J
0.007
0.012
0.18
0.30
K
0.110
0.140
2.80
3.55
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
__
__
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC10H330/D
MECL 10H and MECL 10K are trademarks of Motorola, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MC10H330PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H330P ONSEMI-MC10H330P Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330PR2 ONSEMI-MC10H330PR2 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
More results

Similar Description - MC10H330PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332_06 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
logo
LG Semicon Co.,Ltd.
GD74HCT298 LG-GD74HCT298 Datasheet
272Kb / 6P
   QUAD 2-INPUT MULTIPLEXERS WITH OUTPUT LATCH
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
   Quad Bus Receiver
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com