Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H350FN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10H350FN
Description  PECL* to TTL Translator (5 Vdc Power Supply Only)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350FN Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H350FN Datasheet HTML 1Page - ON Semiconductor MC10H350FN Datasheet HTML 2Page - ON Semiconductor MC10H350FN Datasheet HTML 3Page - ON Semiconductor MC10H350FN Datasheet HTML 4Page - ON Semiconductor MC10H350FN Datasheet HTML 5Page - ON Semiconductor MC10H350FN Datasheet HTML 6Page - ON Semiconductor MC10H350FN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10H350
http://onsemi.com
4
TPZL
0.3 V
OE
1.5 V
1.5 V
1.5 V
TPZH
TPHZ
3−STATE OUTPUT HIGH ENABLE AND
DISABLE TIMES
OE
VOUT
0.3 V
VOL
1.5 V
1.5 V
1.5 V
TPLZ
Q VOH ≈ 3.5 V
+7.0 V
OPEN
ALL OTHER
TPZL, TPLZ, O, C,
500 W
500 W
D.U.T
.
50 PF
Figure 3. 3−State Switching Waveforms
3−STATE OUTPUT LOW ENABLE AND
DISABLE TIMES
Figure 4. Test Load
*INCLUDES JIG AND PROBE CAPACITANCE
VOUT
Application Note: Pin 9 is an OE and the MC10H350 is disabled when OE is at VIH or higher.
ORDERING INFORMATION
Device
Package
Shipping
MC10H350FN
PLLC−20
46 Units / Rail
MC10H350FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H350FNR2
PLLC−20
500 / Tape & Reel
MC10H350FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H350L
CDIP−16
25 Unit / Rail
MC10H350M
SOEIAJ−16
50 Unit / Rail
MC10H350MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H350MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H350MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H350P
PDIP−16
25 Unit / Rail
MC10H350PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H350FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FNR2G ONSEMI-MC10H350FNR2G Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

Similar Description - MC10H350FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com