Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21192 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJW21192
Description  8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21192 Datasheet(HTML) 5 Page - ON Semiconductor

  MJW21192_05 Datasheet HTML 1Page - ON Semiconductor MJW21192_05 Datasheet HTML 2Page - ON Semiconductor MJW21192_05 Datasheet HTML 3Page - ON Semiconductor MJW21192_05 Datasheet HTML 4Page - ON Semiconductor MJW21192_05 Datasheet HTML 5Page - ON Semiconductor MJW21192_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJW21192 (NPN), MJW21191 (PNP)
http://onsemi.com
5
IC, COLLECTOR CURRENT (AMPS)
Figure 13. NPN — MJW21192
VCE = 2.0 V VBE(on) Curve
Figure 14. PNP — MJW21191
VCE = 2.0 V VBE(on) Curve
NPN — MJW21192
PNP — MJW21191
10
1.0
0.1
10
0.001
1.0
25°C
100°C
50°C
0.01
0.1
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
10
0.001
1.0
25°C
100°C
50°C
0.01
0.1


Similar Part No. - MJW21192_05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192 Datasheet
150Kb / 8P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJW21192 ISC-MJW21192 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJW21192_05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21193 ONSEMI-MJW21193_05 Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJL21195 ONSEMI-MJL21195_05 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
2N3773 ONSEMI-2N3773_13 Datasheet
125Kb / 5P
   NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
April, 2013 ??Rev. 11
MJF122 ONSEMI-MJF122 Datasheet
155Kb / 7P
   COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com