Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H334FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H334FNR2
Description  Quad Bus Driver/Receiver with Transmit and Receiver Latches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H334FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H334FNR2 Datasheet HTML 1Page - ON Semiconductor MC10H334FNR2 Datasheet HTML 2Page - ON Semiconductor MC10H334FNR2 Datasheet HTML 3Page - ON Semiconductor MC10H334FNR2 Datasheet HTML 4Page - ON Semiconductor MC10H334FNR2 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H334
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
161
161
161
mA
IinH
Input Current High
Pins 5,6,15,16
Pins 7,14
Pin 17
397
460
520
273
297
357
273
297
357
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Receiver outputs are terminated through a 50 W resistor to −2.0 V dc. Bus outputs are terminated through a 25 W resistor to −2.0 Vdc.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Data−to−Bus Output
DLE−to−Bus Output
OE−to−Bus Output
Bus−to−R0
RLE−to−R0
Data−to−Receiver R0
0.5
1.0
0.5
0.5
0.5
1.0
2.5
2.7
2.5
1.9
2.1
3.8
0.5
1.0
0.5
0.5
0.5
1.0
2.5
2.7
2.5
1.9
2.1
3.8
0.5
1.0
0.5
0.5
0.5
1.0
2.5
2.7
2.5
1.9
2.1
3.8
ns
tr
Rise Time
0.5
2.2
0.5
2.2
0.5
2.2
ns
tf
Fall Time
0.5
2.2
0.5
2.2
0.5
2.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H334FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
More results

Similar Description - MC10H334FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
   Quad Bus Receiver
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
   CAN Bus Driver and Receiver
Rev. D, 16-May-11
SI9200EY VISHAY-SI9200EY Datasheet
69Kb / 4P
   CAN Bus Driver and Receiver
Rev. B, 27-Sep-96
SI9200 VISHAY-SI9200_V01 Datasheet
135Kb / 6P
   CAN Bus Driver and Receiver
01-Jan-2022
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Bothhand USA, LP.
FB2022 BOTHHAND-FB2022 Datasheet
41Kb / 1P
   TRANSMIT / RECEIVER FILTER
FB2023 BOTHHAND-FB2023 Datasheet
27Kb / 1P
   TRANSMIT / RECEIVER FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com