Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21191 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJW21191
Description  8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21191 Datasheet(HTML) 1 Page - ON Semiconductor

  MJW21191 Datasheet HTML 1Page - ON Semiconductor MJW21191 Datasheet HTML 2Page - ON Semiconductor MJW21191 Datasheet HTML 3Page - ON Semiconductor MJW21191 Datasheet HTML 4Page - ON Semiconductor MJW21191 Datasheet HTML 5Page - ON Semiconductor MJW21191 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 2
1
Publication Order Number:
MJW21192/D
MJW21192 (NPN),
MJW21191 (PNP)
Complementary Silicon
Plastic Power Transistors
Specifically designed for power audio output, or high power drivers
in audio amplifiers.
DC Current Gain Specified up to 8.0 A at Temperature
All On Characteristics at Temperature
High SOA: 20 A, 18 V, 100 ms
TO−247AE Package
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
MJW21191
MJW21192
Unit
Collector−Emitter Voltage
VCEO
150
Vdc
Collector−Base Voltage
VCB
150
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
8.0
16
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
125
0.65
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to
+ 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RqJC
1.0
_C/W
Thermal Resistance, Junction to Ambient
RqJA
50
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1.0
Figure 1. Typical Capacitance @ 25
°C
VR, REVERSE VOLTAGE (V)
1.0
10
100
1000
100
1000
10
NPN
PNP
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MJW21191
TO−247
30 Units/Rail
MARKING DIAGRAM
8.0 A
POWER TRANSISTORS
COMPLEMENTARY SILICON
150 V, 125 W
x
= 1 or 2
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
MJW21191G
TO−247
(Pb−Free)
30 Units/Rail
MJW21192
TO−247
30 Units/Rail
MJW21192G
TO−247
(Pb−Free)
30 Units/Rail
http://onsemi.com
TO−247
CASE 340L
STYLE 3
1 2 3
MJW2119x
AYWWG
1 BASE
2 COLLECTOR
3 EMITTER


Similar Part No. - MJW21191

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW21191 MOTOROLA-MJW21191 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21191 ONSEMI-MJW21191 Datasheet
150Kb / 8P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Savantic, Inc.
MJW21191 SAVANTIC-MJW21191 Datasheet
119Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJW21191 ISC-MJW21191 Datasheet
242Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
MJW21191 SAVANTIC-MJW21191 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJW21191

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21193 ONSEMI-MJW21193_05 Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJL21195 ONSEMI-MJL21195_05 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
2N3773 ONSEMI-2N3773_13 Datasheet
125Kb / 5P
   NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
April, 2013 ??Rev. 11
MJF122 ONSEMI-MJF122 Datasheet
155Kb / 7P
   COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com