Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H106FNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H106FNG
Description  Triple 4?????묲nput NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H106FNG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H106FNG Datasheet HTML 1Page - ON Semiconductor MC10H106FNG Datasheet HTML 2Page - ON Semiconductor MC10H106FNG Datasheet HTML 3Page - ON Semiconductor MC10H106FNG Datasheet HTML 4Page - ON Semiconductor MC10H106FNG Datasheet HTML 5Page - ON Semiconductor MC10H106FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H106
http://onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.5
1.3
0.5
1.5
0.55
1.55
ns
tr
Rise Time
0.5
1.7
0.5
1.8
0.55
1.9
ns
tf
Fall Time
0.5
1.7
0.5
1.8
0.55
1.9
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H106FN
PLLC−20
46 Units / Rail
MC10H106FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H106FNR2
PLLC−20
500 / Tape & Reel
MC10H106FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H106L
CDIP−16
25 Unit / Rail
MC10H106M
SOEIAJ−16
50 Unit / Rail
MC10H106MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H106MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H106MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H106P
PDIP−16
25 Unit / Rail
MC10H106PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H106FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H106FN ONSEMI-MC10H106FN Datasheet
109Kb / 4P
   Triple 4-3-3-Onput NOR Gate
May, 2000 ??Rev. 8
More results

Similar Description - MC10H106FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com