Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H352FNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H352FNR2G
Description  Quad CMOS to PECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H352FNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H352FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H352/D
MC10H352
Quad CMOS to PECL*
Translator
Description
The MC10H352 is a quad translator for interfacing data between a
CMOS logic section and the PECL section of digital systems when
only a +5.0 Vdc power supply is available. The MC10H352 has
CMOS compatible inputs and PECL complementary open−emitter
outputs that allow use as an inverting/non−inverting translator or as a
differential line driver. When the common strobe input is at a low logic
level, it forces all true outputs to the PECL low logic state (
≈ +3.2 V)
and all inverting outputs to the PECL high logic state (
≈ +4.1 V).
The MC10H352 can also be used with the MC10H350 to transmit
and receive CMOS information differentially via balanced twisted
pair lines.
Features
Single +5.0 V Power Supply
All VCC Pins Isolated On Chip
Differentially Drive Balanced Lines
tpd = 1.3 nsec Typical
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAMS*
PDIP−20
P SUFFIX
CASE 738
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H352G
AWLYYWW
120
1
20
MC10H352P
AWLYYWWG


Similar Part No. - MC10H352FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
More results

Similar Description - MC10H352FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
   QUAD CMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com