Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21193G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJW21193G
Description  16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21193G Datasheet(HTML) 6 Page - ON Semiconductor

  MJW21193G Datasheet HTML 1Page - ON Semiconductor MJW21193G Datasheet HTML 2Page - ON Semiconductor MJW21193G Datasheet HTML 3Page - ON Semiconductor MJW21193G Datasheet HTML 4Page - ON Semiconductor MJW21193G Datasheet HTML 5Page - ON Semiconductor MJW21193G Datasheet HTML 6Page - ON Semiconductor MJW21193G Datasheet HTML 7Page - ON Semiconductor MJW21193G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJW21193 (PNP) MJW21194 (NPN)
http://onsemi.com
6
AUDIO PRECISION
MODEL ONE PLUS
TOTAL HARMONIC
DISTORTION
ANALYZER
SOURCE
AMPLIFIER
50 Ω
0.5 Ω
0.5 Ω
8.0 Ω
−50 V
DUT
DUT
+50 V
Figure 18. Total Harmonic Distortion Test Circuit


Similar Part No. - MJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21193G ONSEMI-MJW21193G Datasheet
151Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 4
MJW21193G ONSEMI-MJW21193G Datasheet
124Kb / 7P
   Silicon Power Transistors
September, 2013 ??Rev. 5
More results

Similar Description - MJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21195 ONSEMI-MJL21195_05 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192_05 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com