Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21193G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJW21193G
Description  16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21193G Datasheet(HTML) 4 Page - ON Semiconductor

  MJW21193G Datasheet HTML 1Page - ON Semiconductor MJW21193G Datasheet HTML 2Page - ON Semiconductor MJW21193G Datasheet HTML 3Page - ON Semiconductor MJW21193G Datasheet HTML 4Page - ON Semiconductor MJW21193G Datasheet HTML 5Page - ON Semiconductor MJW21193G Datasheet HTML 6Page - ON Semiconductor MJW21193G Datasheet HTML 7Page - ON Semiconductor MJW21193G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJW21193 (PNP) MJW21194 (NPN)
http://onsemi.com
4
Figure 9. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
PNP MJW21193
NPN MJW21194
TYPICAL CHARACTERISTICS
PNP MJW21193
NPN MJW21194
3.0
2.5
2.0
1.5
1.0
0.5
0
100
10
1.0
0.1
1.4
100
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
10
1.0
0.1
1.0
0.1
10
100
10
1.0
0.1
1.0
0.1
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
Figure 13. Active Region Safe Operating Area
VCE, COLLECTOR EMITTER (VOLTS)
Figure 14. Active Region Safe Operating Area
PNP MJW21193
NPN MJW21194
100
1000
10
1.0
1.0
0.1
100
10
100 mSec
10 mSec
1 Sec
VCE, COLLECTOR EMITTER (VOLTS)
100
1000
10
1.0
1.0
0.1
100
10
100 mSec
10 mSec
1 Sec


Similar Part No. - MJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21193G ONSEMI-MJW21193G Datasheet
151Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 4
MJW21193G ONSEMI-MJW21193G Datasheet
124Kb / 7P
   Silicon Power Transistors
September, 2013 ??Rev. 5
More results

Similar Description - MJW21193G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21195 ONSEMI-MJL21195_05 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192_05 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com