Selected language     English  ▼


MKP1V120_06 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MKP1V120_06
Description  Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
MKP1V120 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Repetitive Peak Off−State Current
TJ = 25°C
(50 to 60 Hz Sine Wave)
VDRM = 90 V, MKP1V120, MKP1V130 and MKP1V160
VDRM = 180 V, MKP1V240
IDRM
5.0
mA
ON CHARACTERISTICS
Breakover Voltage
IBO = 35 mA
MKP1V120
35
mA MKP1V130
200
mA MKP1V160
35
mA MKP1V240
VBO
110
120
150
220
130
140
170
250
V
Peak On−State Voltage
(ITM = 1 A Peak, Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%)
VTM
1.3
1.5
V
Dynamic Holding Current
(Sine Wave, 50 to 60 Hz, RL = 100 Ohm)
IH
100
mA
Switching Resistance
(Sine Wave, 50 to 60 Hz)
RS
0.1
k
W
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of On−State Current,
Critical Damped Waveform Circuit
(IPK = 130 Amps, Pulse Width = 10 msec)
di/dt
120
A/
ms
ORDERING INFORMATION
Device
Package*
Shipping
MKP1V120RL
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V120RLG
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V130RL
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V130RLG
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V160
DO−41, Axial Lead
1000 Units / Bulk
MKP1V160G
DO−41, Axial Lead
1000 Units / Bulk
MKP1V160RL
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V160RLG
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V240
DO−41, Axial Lead
1000 Units / Bulk
MKP1V240G
DO−41, Axial Lead
1000 Units / Bulk
MKP1V240RL
DO−41, Axial Lead
5000 / Tape & Reel
MKP1V240RLG
DO−41, Axial Lead
5000 / Tape & Reel
*This package is inherently Pb−Free.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
2N6394_06Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 ON Semiconductor
2N6400_04Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
2N6504_06Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT08B260T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT10B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
NP0640SXT3GThyristor Surge Protectors High Voltage Bidirectional 1 2 3 4 5 ON Semiconductor
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
2N6394_06Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 ON Semiconductor
2N6400_04Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
2N6504_06Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT08B260T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT10B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
NP0640SXT3GThyristor Surge Protectors High Voltage Bidirectional 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl