Part Name
         Description
MKP1V120_06

 Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS ( 5 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
MKP1V120 Series
http://onsemi.com
4
THERMAL CHARACTERISTICS
Figure 5. Thermal Response
t, TIME (ms)
10
0.1
0.07
0.03
0.02
0.01
5.0
0.2
0.5
1.0
2.0
0.05
0.1
0.2
0.3
0.5
0.7
1.0
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
The temperature of the lead should be
measured using a thermocouple placed on the
lead as close as possible to the tie point. The
thermal mass connected to the tie point is
normally large enough so that it will not
significantly respond to heat surges generated
in the diode as a result of pulsed operation
once steady−state conditions are achieved.
Using the measured value of TL, the junction
temperature may be determined by:
TJ = TL + DTJL
ZqJL(t) = RqJL • r(t)
DTJL = Ppk RqJL[r(t)]
where:
DTJL = the increase in junction temperature above the
lead temperature
r(t) = normalized value of transient thermal resistance at
time, t from this figure. For example,
r(tp) = normalized value of transient resistance at time tp.
TIME
tp
Figure 6. Typical Breakover Voltage
Figure 7. Typical Holding Current
Figure 8. Pulse Rating Curve
TJ, JUNCTION TEMPERATURE (°C)
−60
0.8
0.4
100
0.1
tw, PULSE WIDTH (ms)
100
10
1.0
−40
−20
100
140
0.6
1.0
1.2
10
TJ, JUNCTION TEMPERATURE (°C)
100
−60
0.9
0.8
40
−40
−20
0
20
1.0
1.4
1.0
80
60
120
140
120
80
060
40
20
10%
tw
IPK
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
2N6394_06Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 ON Semiconductor
2N6400_04Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
2N6504_06Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT08B260T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT10B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
NP0640SXT3GThyristor Surge Protectors High Voltage Bidirectional 1 2 3 4 5 ON Semiconductor
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MAC224ATriacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
2N6394_06Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 ON Semiconductor
2N6400_04Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT05B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
2N6504_06Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MMT08B260T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MMT10B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
NP0640SXT3GThyristor Surge Protectors High Voltage Bidirectional 1 2 3 4 5 ON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl