Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLD1N06CLT4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MLD1N06CLT4
Description  SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N?묬hannel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLD1N06CLT4 Datasheet(HTML) 2 Page - ON Semiconductor

  MLD1N06CLT4 Datasheet HTML 1Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 2Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 3Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 4Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 5Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 6Page - ON Semiconductor MLD1N06CLT4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MLD1N06CL
http://onsemi.com
2
UNCLAMPED DRAIN−TO−SOURCE AVALANCHE CHARACTERISTICS
Rating
Symbol
Value
Unit
Single Pulse Drain−to−Source Avalanche Energy Starting TJ = 25°C
EAS
80
mJ
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Internally Clamped)
(ID = 20 mAdc, VGS = 0 Vdc)
(ID = 20 mAdc, VGS = 0 Vdc, TJ = 150°C)
V(BR)DSS
59
59
62
62
65
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 45 Vdc, VGS = 0 Vdc)
(VDS = 45 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
0.6
6.0
5.0
20
mAdc
Gate−Source Leakage Current
(VG = 5.0 Vdc, VDS = 0 Vdc)
(VG = 5.0 Vdc, VDS = 0 Vdc, TJ = 150°C)
IGSS
0.5
1.0
5.0
20
mAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(ID = 250 mAdc, VDS = VGS)
(ID = 250 mAdc, VDS = VGS, TJ = 150°C)
VGS(th)
1.0
0.6
1.5
2.0
1.6
Vdc
Static Drain−to−Source On−Resistance
(ID = 1.0 Adc, VGS = 4.0 Vdc)
(ID = 1.0 Adc, VGS = 5.0 Vdc)
(ID = 1.0 Adc, VGS = 4.0 Vdc, TJ = 150°C)
(ID = 1.0 Adc, VGS = 5.0 Vdc, TJ = 150°C)
RDS(on)
0.63
0.59
1.1
1.0
0.75
0.75
1.9
1.8
W
Static Source−to−Drain Diode Voltage (IS = 1.0 Adc, VGS = 0 Vdc)
VSD
1.1
1.5
Vdc
Static Drain Current Limit
(VGS = 5.0 Vdc, VDS = 10 Vdc)
(VGS = 5.0 Vdc, VDS = 10 Vdc, TJ = 150°C)
ID(lim)
2.0
1.1
2.3
1.3
2.75
1.8
Adc
Forward Transconductance (ID = 1.0 Adc, VDS = 10 Vdc)
gFS
1.0
1.4
mhos
RESISTIVE SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VDD = 25 Vdc, ID = 1.0 Adc,
VGS(on) = 5.0 Vdc, RGS = 50 W)
td(on)
1.2
2.0
ns
Rise Time
tr
4.0
6.0
Turn−Off Delay Time
td(off)
4.0
6.0
Fall Time
tf
3.0
5.0
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - MLD1N06CLT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MLD1N06CLT4G VBSEMI-MLD1N06CLT4G Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - MLD1N06CLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MLD2N06CL ONSEMI-MLD2N06CL Datasheet
79Kb / 7P
   SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLP1N06CL ONSEMI-MLP1N06CL Datasheet
65Kb / 8P
   SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
November, 2000 ??Rev. 2
MLP2N06CL ONSEMI-MLP2N06CL Datasheet
80Kb / 7P
   SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com