Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100H603 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100H603
Description  9?묪it Latch ECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H603 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100H603 Datasheet HTML 1Page - ON Semiconductor MC100H603 Datasheet HTML 2Page - ON Semiconductor MC100H603 Datasheet HTML 3Page - ON Semiconductor MC100H603 Datasheet HTML 4Page - ON Semiconductor MC100H603 Datasheet HTML 5Page - ON Semiconductor MC100H603 Datasheet HTML 6Page - ON Semiconductor MC100H603 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10H603, MC100H603
http://onsemi.com
2
Table 1. PIN NAMES
PIN
FUNCTION
GND
VCCE
VCCT
VEE
D0−D8
Q0 −Q8
OEECL
LEN
MR
TTL Ground (0 V)
ECL VCC (0 V)
TTL Supply (+5.0 V)
ECL Supply (− 5.2 / −4.5 V)
Data Inputs (ECL)
Data Outputs (TTL)
3-State Control (ECL)
Latch Enable (ECL)
Master Reset (ECL)
Q4
56
78
9
10
11
25
24
23
22
21
20
19
Q3
VCCT
Q2
GND
Q1
Q0
VCCE
D8
D7
D6
D5
D4
D3
26
27
28
2
3
4
18
17
16
14
13
12
15
Q5 GND VCCT Q6 GND Q7 Q8
MR LEN OEECL VEE D0 D1 D2
Figure 1. PLCC−28 Pinout (Top View)
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
OEECL
D0
D1
D2
D3
D4
D5
D6
D7
D8
LEN
MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
TTL
ECL
Figure 2. Logic Diagram
D
L
H
X
X
X
Table 2. TRUTH TABLE
LEN
L
L
H
X
X
MR
L
L
L
H
X
Q
L
H
Q0
L
Z
OEECL
L
L
L
L
H


Similar Part No. - MC100H603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H603 ONSEMI-MC100H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
More results

Similar Description - MC100H603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
[Old version datasheet]   DP8481 TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com