Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H640 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10H640
Description  68030/040 PECL to TTL Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H640 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10H640_06 Datasheet HTML 1Page - ON Semiconductor MC10H640_06 Datasheet HTML 2Page - ON Semiconductor MC10H640_06 Datasheet HTML 3Page - ON Semiconductor MC10H640_06 Datasheet HTML 4Page - ON Semiconductor MC10H640_06 Datasheet HTML 5Page - ON Semiconductor MC10H640_06 Datasheet HTML 6Page - ON Semiconductor MC10H640_06 Datasheet HTML 7Page - ON Semiconductor MC10H640_06 Datasheet HTML 8Page - ON Semiconductor MC10H640_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10H640, MC100H640
http://onsemi.com
5
10
11
9
0
255075
85
5.25 VCC
5 VCC
4.75 VCC
Figure 3. Positive Pulse Width at
25°C Ambient and 50 MHz Out
LOAD (pF)
10
11
9
0
255075
85
Figure 4. Negative Pulse Width at
25°C Ambient and 50 MHz Out
LOAD (pF)
4.75 VCC
5 VCC
5.25 VCC
10
11
9
0
255075
85
LOAD (pF)
Figure 5. Positive Pulse Width at
25°C Ambient at 50 MHz Out
5.125 VCC
5 VCC
4.875 VCC
10
11
9
0
255075
85
LOAD (pF)
Figure 6. Negative Pulse Width at
25°C Ambient at 50 MHz Out
4.875 VCC
5 VCC
5.125 VCC
10
11
9
25°
50°
75°
85°
50 pF
25 pF
10 pF
Figure 7. Temperature versus Positive Pulse Width
for 100H640 at 50 MHz and VCC = +5.0 V
TEMPERATURE (°C)
10
11
9
25°
50°
75°
85°
10 pF
25 pF
Figure 8. Temperature versus Negative Pulse Width
for MC100H640 @ 50 MHz and VCC = +5.0 V
TEMPERATURE (°C)
10/100H640
DUTY CYCLE CONTROL
To maintain a duty cycle of ± 5% at 50MHz, limit the load capacitance and/or power supply variation as shown in Figures 3
and 4. For a ± 2.5% duty cycle limit, see Figures 5 and 6. Figures 7 and 8 show duty cycle variation with temperature. Figure 9
shows typical TPD versus load. Figure 10 shows reset recovery time. Figure 11 shows output states after power up.
Best duty cycle control is obtained with a single
mP load and minimum line length.


Similar Part No. - MC10H640_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H640FNG ONSEMI-MC10H640FNG Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
More results

Similar Description - MC10H640_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com