Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF7168C Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MGF7168C
Description  UHF BAND GaAs POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF7168C Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MGF7168C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF7168C Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MITSUBISHI ELECTRIC
(4/12)
MGF7168C
MITSUBISHI SEMICONDUCTOR<GaAsMMIC>
UHF BAND GaAs POWER AMPLIFIER
ZI=4.5-j27.8 (
Ω) : 1.88GHz
ZL(
ηmax) = 3.3-j4.7 (Ω) : f=1.88GHz
ZL(Po max)= 2.4-j5.8 (
Ω) : f=1.88GHz
Conditions;
Vd1=Vd2=3.2V
Vgg=-2.0V
Pin=10dBm
Input/Output Impedance
Pomax
(33.8dBm)
ηmax
1150mA(Po>32.8dBm)
Mar.'97


Similar Part No. - MGF7168C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7169C MITSUBISHI-MGF7169C Datasheet
351Kb / 20P
   UHF BAND GaAs POWER AMPLIFIER
More results

Similar Description - MGF7168C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7169C MITSUBISHI-MGF7169C Datasheet
351Kb / 20P
   UHF BAND GaAs POWER AMPLIFIER
MGF7170AC MITSUBISHI-MGF7170AC Datasheet
316Kb / 16P
   UHF BAND GaAs POWER AMPLIFIER
logo
New Japan Radio
NJG1134HA8 NJRC-NJG1134HA8 Datasheet
393Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1131HA8 NJRC-NJG1131HA8 Datasheet
236Kb / 10P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1139UA2 NJRC-NJG1139UA2 Datasheet
459Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1129MD7 NJRC-NJG1129MD7 Datasheet
412Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7175C MITSUBISHI-MGF7175C Datasheet
22Kb / 2P
   3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
MGF7176C MITSUBISHI-MGF7176C Datasheet
22Kb / 2P
   3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
logo
Toshiba Semiconductor
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com