Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H136FNR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10H136FNR2
Description  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136FNR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H136FNR2 Datasheet HTML 1Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 2Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 3Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 4Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 5Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 6Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 7Page - ON Semiconductor MC10H136FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H136
http://onsemi.com
4
Table 5. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Clock to Q
Clock to Carry Out
Carry in to Carry
Out
0.7
1.0
0.7
2.3
4.8
2.5
0.7
1.0
0.7
2.4
4.9
2.6
0.7
1.0
0.7
2.5
5.0
2.7
ns
tset
Set-up Time
Data (D0 to C)
Select (S to C)
Carry In (Cin to C)
(C to Cin)
2.0
3.5
2.0
0
2.0
3.5
2.0
0
2.0
3.5
2.0
0
ns
thold
Hold Time
Data (C to D0)
Select (C to S)
Carry In (C to Cin)
(Cin to C)
0
−0.5
0
2.2
0
−0.5
0
2.2
0
−0.5
0
2.2
ns
fcount
Counting Frequency
250
250
250
MHz
tr
Rise Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
tf
Fall Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Q2
T
T
T
T
T
T
T
Q3
T
Q3
Q1
Q1
T
T
C
T
C
T C
Q0
Figure 2. Logic Diagram
NOTE: FLIP-FLOPS WILL TOGGLE WHEN ALL T INPUTS ARE LOW.
S1 9
S2 7
Carry In
10
Clock
13
12
D0
14
Q0
11
D1
15
Q1
6
D2
2
Q2
5
D3
3
Q3
4
Carry Out
T
C
Q0
T
Q2
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8


Similar Part No. - MC10H136FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
More results

Similar Description - MC10H136FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com