Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H161FN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H161FN
Description  Binary to 1?? Decoder (Low)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H161FN Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H161FN Datasheet HTML 1Page - ON Semiconductor MC10H161FN Datasheet HTML 2Page - ON Semiconductor MC10H161FN Datasheet HTML 3Page - ON Semiconductor MC10H161FN Datasheet HTML 4Page - ON Semiconductor MC10H161FN Datasheet HTML 5Page - ON Semiconductor MC10H161FN Datasheet HTML 6Page - ON Semiconductor MC10H161FN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H161/D
MC10H161
Binary to 1−8 Decoder
(Low)
Description
The MC10H161 provides parallel decoding of a three bit binary
word to one of eight lines. The MC10H161 is useful in high−speed
multiplexer/demultiplexer applications.
The MC10H161 is designed to decode a three bit input word to one
of eight output lines. The MC10H161 output will be low when
selected while all other output are high. The enable inputs, when either
or both are high, force all outputs high.
The MC10H161 is a true parallel decoder. This eliminates unequal
parallel path delay times found in other decoder designs. These
devices are ideally suited for multiplexer/demultiplexer applications.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation, 315 mW Typical (same as MECL 10K™)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP PIN ASSIGNMENT
VCC1
E0
Q3
Q2
Q1
Q0
A
VEE
VCC2
E1
C
Q4
Q5
Q6
Q7
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
E02
E115
A7
B9
C14
6Q0
5Q1
4Q2
3Q3
13Q4
12Q5
11Q6
10Q7
H
H
H
H
L
H
H
H
H
H
L
L
L
L
L
L
L
L
X
H
TRUTH TABLE
ENABLE
INPUTS
INPUTS
OUTPUTS
L
L
L
L
L
L
L
L
H
X
L
L
L
L
H
H
H
H
X
X
L
L
H
H
L
L
H
H
X
X
L
H
L
H
L
H
L
H
X
X
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
Q4
E0
E1
C B
A Q0 Q1 Q2 Q3
Q5 Q6 Q7
Pin assignment is for Dual−in−Line
Package. For PLCC pin assignment, see
the Pin Conversion Tables on page 18 of
the ON Semiconductor MECL Data
Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H161P
AWLYYWWG
1
16
MC10H161L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H161
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H161G
AWLYYWW
120


Similar Part No. - MC10H161FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H161FN ONSEMI-MC10H161FN Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
More results

Similar Description - MC10H161FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
   Binary to 1-8 Decoder(Low)
REV 5
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com