Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H162MG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H162MG
Description  Binary to 1?? Decoder (High)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H162MG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H162MG Datasheet HTML 1Page - ON Semiconductor MC10H162MG Datasheet HTML 2Page - ON Semiconductor MC10H162MG Datasheet HTML 3Page - ON Semiconductor MC10H162MG Datasheet HTML 4Page - ON Semiconductor MC10H162MG Datasheet HTML 5Page - ON Semiconductor MC10H162MG Datasheet HTML 6Page - ON Semiconductor MC10H162MG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H162
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
84
76
84
mA
IinH
Input Current High
465
275
275
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Pins 7, 9, 14 Only
Pins 2, 15 Only
0.7
0.8
2.0
2.3
0.7
0.8
2.1
2.4
0.8
0.9
2.5
2.6
ns
tr
Rise Time
0.6
1.8
0.6
1.9
0.6
2.0
ns
tf
Fall Time
0.6
1.8
0.6
1.9
0.6
2.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H162MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
More results

Similar Description - MC10H162MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
   Dual Binary to 1-4 Decoder(High)
logo
ON Semiconductor
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
   Binary to 1-8 Decoder(Low)
REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com