Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6100LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD6100LT1
Description  Monolithic Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD6100LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD6100LT1 Datasheet HTML 1Page - ON Semiconductor MMBD6100LT1 Datasheet HTML 2Page - ON Semiconductor MMBD6100LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD6100LT1
http://onsemi.com
2
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820 W
0.1 mF
DUT
VR
100 mH
0.1 mF
50 W OUTPUT
PULSE
GENERATOR
50 W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
CURVES APPLICABLE TO EACH CATHODE
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
TA = 85°C
TA = −40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C
1.0
0
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.7
0.6
24
6
8


Similar Part No. - MMBD6100LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD6100LT1 MOTOROLA-MMBD6100LT1 Datasheet
78Kb / 4P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD6100LT1 ONSEMI-MMBD6100LT1 Datasheet
81Kb / 8P
   Monolithic Dual Switching Diode
April, 2000 ??Rev. 1
logo
Leshan Radio Company
MMBD6100LT1 LRC-MMBD6100LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
126Kb / 3P
   Monolithic Dual Switching Diode
August, 2009 ??Rev. 3
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
89Kb / 3P
   Monolithic Dual Switching Diode
October, 2016 ??Rev. 4
More results

Similar Description - MMBD6100LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV170LT1 LRC-BAV170LT1 Datasheet
38Kb / 2P
   Monolithic Dual Switching Diode
BAV74LT1 LRC-BAV74LT1 Datasheet
46Kb / 2P
   Monolithic Dual Switching Diode
logo
Micro Commercial Compon...
MMBD6100 MCC-MMBD6100 Datasheet
290Kb / 2P
   Monolithic Dual Switching Diode
logo
Motorola, Inc
BAV74LT1 MOTOROLA-BAV74LT1 Datasheet
72Kb / 4P
   Monolithic Dual Switching Diode
logo
ON Semiconductor
BAV74LT1G ONSEMI-BAV74LT1G Datasheet
122Kb / 3P
   Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2836G ZOWIE-MMBD2836G Datasheet
44Kb / 2P
   Monolithic Dual Switching Diode
MMBD2836 ZOWIE-MMBD2836 Datasheet
49Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE
logo
Leshan Radio Company
LBAV70TT1G LRC-LBAV70TT1G_15 Datasheet
125Kb / 3P
   Monolithic Dual Switching Diode
LBAW56DW1T1G LRC-LBAW56DW1T1G_15 Datasheet
165Kb / 3P
   Monolithic Dual Switching Diode
logo
ON Semiconductor
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
89Kb / 3P
   Monolithic Dual Switching Diode
October, 2016 ??Rev. 4
logo
Leshan Radio Company
BAW156LT1 LRC-BAW156LT1 Datasheet
38Kb / 2P
   Monolithic Dual Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com