Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT05DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74ACT05DR2G
Description  Hex Inverter with Open?묭rain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC74ACT05DR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT05DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Sink/Source Current, per Pin
± 50
mA
ICC
DC VCC or GND Current per Output Pin
± 50
mA
Tstg
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Min
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
VREG
DC Regulated Power Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − HIGH
−24
mA
IOL
Output Current − LOW
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


Similar Part No. - MC74ACT05DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT05DR2G ONSEMI-MC74ACT05DR2G Datasheet
87Kb / 7P
   Hex Inverter with Open-Drain Outputs
January, 2015 ??Rev. 9
More results

Similar Description - MC74ACT05DR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com