Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9162AE Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT9162AE
Description  5 Volt Single Rail Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9162AE Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT9162AE Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9162AE Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MT9162
Data Sheet
4
Zarlink Semiconductor Inc.
Table 1 - Law Selection
Analog Interfaces
Standard interfaces are provided by the MT9162. These are:
• The analog inputs (transmitter), pins AIN+/AIN-. The maximum peak to peak input is 3.667Vpp
µ−law and across
AIN+/AIN- 3.8Vpp A-law.
• The analog outputs (receiver), pins AOUT+/AOUT-. This internally compensated fully differential output driver is
capable of driving a load of 20k ohms.
PCM Serial Interface
A serial link is required to transport data between the MT9162 and an external digital transmission device. The
MT9162 utilizes the strobed data interface found on many standard Codec devices. This interface is commonly
referred to as Simple Serial Interface (SSI).
The required mode of operation is selected via the CSL2-0 control pins. See Table 2 for selections based in CSL2-
0 pin settings.
Quiet Code
The PCM serial port can be made to send quiet code to the decoder and receive filter path by setting the RxMute
pin high. Likewise, the PCM serial port will send quiet code in the transmit path when the
Figure 2 - Table 2: Bit Clock Rate Selection
TxMute pin is high. When either of these pins are low their respective paths function normally. The -Zero entry of
Table 1 is used for the quiet code definition.
Code
ITU-T (G.711)
µ -Law
A-Law
+ Full Scale
1000 0000
1010 1010
+ Zero
1111 1111
1101 0101
-Zero
(quiet code)
0111 1111
0101 0101
- Full Scale
0000 0000
0010 1010
CSL2
CSL1
CSL0
External
Clock Bit
Rate (kHz)
CLOCKin
(kHz)
1
0
0
128
4096
1
0
1
256
4096
000
512
512
0
0
1
1536
1536
0
1
0
2048
2048
0
1
1
4096
4096


Similar Part No. - MT9162AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9162AE MITEL-MT9162AE Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
More results

Similar Description - MT9162AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com