Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9162AS Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT9162AS
Description  5 Volt Single Rail Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9162AS Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT9162AS Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 12Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 13Page - Zarlink Semiconductor Inc MT9162AS Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MT9162
Data Sheet
10
Zarlink Semiconductor Inc.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
AC Characteristicsfor D/A (Receive) Path - 0dBm0 = ALo3.17 - 3.17dB = 1.773Vrms for µ-Law and
0dBm0 = ALo3.14
- 3.14dB = 1.843Vrms for A-Law, at the Codec. (VRef=0.6 volts and VBias=2.5 volts.)
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Analog output at the Codec full
scale
ALo3.17
ALo3.14
7.225
7.481
Vp-p
Vp-p
µ-Law
A-Law
2
Absolute half-channel gain.
Din to AOUT
±
GAR1
-0.8
0
0.8
dB
@1020Hz
3
Gain tracking vs. input level
ITU-T G.714 Method 2
GTR
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total distortion vs. input
level.
ITU-T G.714 Method 2
GQR
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Receive Idle Channel Noise
NCR
NPR
7
-84
10
-80
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
200Hz
300 - 3000 Hz
3000 - 3400 Hz
4000 Hz
>4600 Hz
GRR
-0.25
-0.90
0.25
0.25
0.25
-12.5
-25
dB
dB
dB
dB
dB
7
Absolute Delay
DAR
240
µs
at frequency of min. delay
8
Group Delay relative to DAR
DDR
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
CrosstalkD/A to A/D
A/D to D/A
CTRT
CTTR
-74
-80
dB
dB
G.714.16
ITU-T
Electrical Characteristicsfor Analog Outputs
Characteristics
Sym.
Min.
Typ.
Max
.
Units
Test Conditions
1
Load impedance at Output
EZL
20k
ohms
across AOUT
±
2
Allowable output capacitive
load
ECL
20
pF
each pin:AOUT+, AOUT-
3
Analog output harmonic distortion
ED
0.5
%
20k ohms load across
AOUT
±
VO
≤693mVRMS


Similar Part No. - MT9162AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9162AS MITEL-MT9162AS Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
More results

Similar Description - MT9162AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com