Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT91L60 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT91L60
Description  3 Volt Multi-Featured Codec (MFC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT91L60 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT91L60 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT91L60 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MT91L60/61
Data Sheet
9
Zarlink Semiconductor Inc.
Flexible Digital Interface
A serial link is required to transport data between the MT91L60/61 and an external digital transmission device. The
MT91L60/61 utilizes the ST-BUS architecture defined by Zarlink Semiconductor but also supports a strobed data
interface found on many standard Codec devices. This interface is commonly referred to as Simple Serial Interface
(SSI). The combination of ST-BUS and SSI provides a Flexible Digital Interface (FDI) capable of supporting all
Zarlink basic rate transmission devices as well as many other 2B+D transceivers.
The required mode of operation is selected via the CSL2-0 control bits (Control Register 2, address 04h). Pin
definitions alter dependent upon the operational mode selected, as described in the following subsections as well
as in the Pin Description tables.
Quiet Code
The FDI can be made to send quiet code to the decoder and receive filter path by setting the RxMute bit high.
Likewise, the FDI will send quiet code in the transmit path when the TxMute bit is high. Both of these control bits
reside in Control Register 1 at address 03h. When either of these bits are low their respective paths function
normally. The -Zero entry of Table 1 is used for the quiet code definition.
ST-BUS Mode
The ST-BUS consists of output (DSTo) and input (DSTi) serial data streams, in FDI these are named Dout and Din
respectively, a synchronous clock input signal CLOCKin (C4i), and a framing pulse input (F0i). These signals are
direct connections to the corresponding pins of Zarlink basic rate devices. The CSL2, CSL1 and CSL0 bits are set
to 1 for ST-BUS operation.
The data streams operate at 2048 kb/s and are Time Division Multiplexed into 32 identical channels of 64 kb/s
bandwidth. A frame pulse (a 244 nSec low going pulse) is used to separate the continuous serial data streams into
the 32 channel TDM frames. Each frame has a 125
µSecond period translating into an 8 kHz frame rate. A valid
frame begins when F0i is logic low coincident with a falling edge of C4i. Refer to Figure 11 for detailed ST-BUS
timing. C4i has a frequency (4096 kHz) which is twice the data rate. This clock is used to sample the data at the 3/4
bit-cell position on DSTi and to make data available on DSTo at the start of the bit-cell. C4i is also used to clock the
MT91L60/61 internal functions (i.e., Filter/Codec, Digital gain and tone generation) and to provide the channel
timing requirements.
The MT91L60/61 uses only the first four channels of the 32 channel frame. These channels are always defined,
beginning with Channel 0 after the frame pulse, as shown in Figure 6 (ST-BUS channel assignments). The
MT91L60/61 provides a delayed frame pulse (F0od), 4 channels after the input frame pulse.
The first two (D & C) Channels are enabled for use by the DEN and CEN bits respectively, (Control Register 2,
address 04h). ISDN basic rate service (2B+D) defines a 16 kb/s signalling (D) Channel. The MT91L60/61 supports
transparent access to this signalling channel. ST-BUS basic rate transmission devices, which may not employ a
microport, provide access to their internal control/status registers through the ST-BUS Control (C) Channel. The
MT91L60/61 supports microport access to this C-Channel.
Figure 6 - ST-BUS Channel Assignment
F0i
DSTi,
DSTo
LSB first
for D-
Channel
MSB first for C, B1- & B2-
Channels
CHANNEL 0
D-channel
CHANNEL 1
C-channel
CHANNEL 2
B1-channel
CHANNEL 3
B2-channel
CHANNELS 4-31
Not Used
125
µs
FOod


Similar Part No. - MT91L60

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L60 ZARLINK-MT91L60 Datasheet
516Kb / 27P
   Low Power Quad ADPCM Transcoder
logo
Mitel Networks Corporat...
MT91L60AE MITEL-MT91L60AE Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L60AE MITEL-MT91L60AE Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L60AN MITEL-MT91L60AN Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L60

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com