Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ310LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBFJ310LT1G
Description  JFET - VHF/UHF Amplifier Transistor N-Channel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ310LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBFJ310LT1G Datasheet HTML 1Page - ON Semiconductor MMBFJ310LT1G Datasheet HTML 2Page - ON Semiconductor MMBFJ310LT1G Datasheet HTML 3Page - ON Semiconductor MMBFJ310LT1G Datasheet HTML 4Page - ON Semiconductor MMBFJ310LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 3
1
Publication Order Number:
MMBFJ309LT1/D
MMBFJ309LT1,
MMBFJ310LT1
JFET − VHF/UHF Amplifier
Transistor
N−Channel
Features
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDS
25
Vdc
Gate−Source Voltage
VGS
25
Vdc
Gate Current
IG
10
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 10
Device
Package
Shipping
ORDERING INFORMATION
MMBFJ309LT1
SOT−23
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBFJ309LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
1
2
3
MMBFJ310LT1
SOT−23
3,000 / Tape & Reel
MMBFJ310LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
6x M
G
G
6x
= Device Code
x = U for MMBFJ309LT1
x = T for MMBFJ310LT1
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
2 SOURCE
3
GATE
1 DRAIN


Similar Part No. - MMBFJ310LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFJ310LT1G ONSEMI-MMBFJ310LT1G Datasheet
150Kb / 5P
   JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
MMBFJ310LT1G ONSEMI-MMBFJ310LT1G Datasheet
126Kb / 5P
   JFET - VHF/UHF Amplifier Transistor
October, 2016 ??Rev. 8
MMBFJ310LT1G ONSEMI-MMBFJ310LT1G Datasheet
187Kb / 6P
   JFET - VHF/UHF Amplifier Transistor N−Channel
October, 2016 - Rev. 8
More results

Similar Description - MMBFJ310LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFJ309L ONSEMI-MMBFJ309L_V01 Datasheet
187Kb / 6P
   JFET - VHF/UHF Amplifier Transistor N−Channel
October, 2016 - Rev. 8
MMBF4416LT1 ONSEMI-MMBF4416LT1_06 Datasheet
149Kb / 6P
   JFET VHF/UHF Amplifier Transistor N-Channel
February, 2006 ??Rev. 3
logo
NTE Electronics
NTE451 NTE-NTE451 Datasheet
23Kb / 2P
   Silicon N-Channel JFET Transistor VHF/UHF Amplifier
logo
Motorola, Inc
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
   JFET VHF/UHF Amplifier Transistor
logo
ON Semiconductor
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G_09 Datasheet
150Kb / 5P
   JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
logo
Motorola, Inc
MMBF4416LT1 MOTOROLA-MMBF4416LT1 Datasheet
292Kb / 10P
   JFET VHF/UHF Amplifier Transistor
logo
ON Semiconductor
MMBFJ309LT1 ONSEMI-MMBFJ309LT1 Datasheet
165Kb / 8P
   JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MMBFJ309L ONSEMI-MMBFJ309L Datasheet
167Kb / 5P
   JFET - VHF/UHF Amplifier Transistor
November, 2011 ??Rev. 5
MMBF4416LT1 ONSEMI-MMBF4416LT1 Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G Datasheet
126Kb / 5P
   JFET - VHF/UHF Amplifier Transistor
October, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com