Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT93L04 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MT93L04
Description  128-Channel Voice Echo Canceller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT93L04 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MT93L04 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT93L04 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MT93L04
Data Sheet
8
Zarlink Semiconductor Inc.
Sg1_d1
ICO
E4
Internal Connection. Connected to VSS for
normal operation
DT1_d1
NC
F3
No connection. The pin must be left open for
normal operation.
MCLK_d1
User Signal
E2
Master Clock (Input). Nominal 10 MHz or
20 MHz Master Clock input. May be connected to
an asynchronous (relative to frame signal) clock
source.
Fsel_d1
User Signal
D1
Frequency select (Input). This input selects the
Master Clock frequency operation. When Fsel pin
is low, nominal 19.2 MHz Master Clock input must
be applied. When Fsel pin is high, nominal
9.6 MHz Master Clock input must be applied.
Halt_d1
ICO
E1
Internal Connection. Connected to VSS for
normal operation
Step_d1
ICO
F2
Internal Connection. Connected to VSS for
normal operation
PLLVSS1_d1
Power
G3
PLL Ground. Must be connected to VSS
PLLVDD_d1
Power
F1
PLL Power Supply. Must be connected to VDD2
PLLVSS2_d1
Power
G2
PLL Ground. Must be connected to VSS
AT1_d1
NC
G1
No connection. The pin must be left open for
normal operation.
DEVICE 2
TMS_d2
Signal
V4
Test Mode Select (3.3 V Input). JTAG signal that
controls the state transitions of the TAP controller.
This pin is pulled high by an internal pull-up when
not driven.
TDI_d2
Signal
Y2
Test Serial Data In (3.3 V Input). JTAG serial test
instructions and data are shifted in on this pin.
This pin is pulled high by an internal pull-up when
not driven.
TDO_d2
Signal
W3
Test Serial Data Out (Output). JTAG serial data
is output on this pin on the falling edge of TCK.
This pin is held in high impedance state when
JTAG scan is not enabled.
TCK_d2
Signal
Y3
Test Clock (3.3 V Input). Provides the clock to
the JTAG test logic.
TRSTB_d2
Signal
W4
Test Reset (3.3 V Input). Asynchronously
initializes the JTAG TAP controller by putting it in
the Test-Logic-Reset state. This pin should be
pulsed low on power-up or held low, to ensure that
the MT93L00 is in the normal functional mode.
This pin is pulled by an internal pull-down when
not driven.
Pin Description (continued)
Signal Name
Signal Type
BGA Ball #
Signal Description


Similar Part No. - MT93L04

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
MT93L00AB ZARLINK-MT93L00AB Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
MT93L00AV ZARLINK-MT93L00AV Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
More results

Similar Description - MT93L04

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com