Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9174 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT9174
Description  Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9174 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT9174 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9174 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MT9173/74
Data Sheet
4
Zarlink Semiconductor Inc.
Figure 4 - DV Port - 160 kbit/s (Modes 2, 3, 6)
Functional Description
The MT9173 and MT9174 are multifunction devices capable of providing high speed, full duplex digital transmission
at up to 160 kbit/s over a twisted wire pair. They use adaptive echo-cancelling techniques and transfer data in a
format compatible to the ISDN basic rate. Several modes of operation allow an easy interface to digital
telecommunication networks including PCS wireless base stations, smart telephone sets, workstations, data
terminals and computers. The device supports the 2B+D channel format (two 64 kbit/s B-channels and one
16 kbit/s D-channel) over two wires as recommended by the CCITT. The line data is converted to and from the ST-
BUS format on the system side of the network to allow for easy interfacing with other components such as the S-
interface device in an NT1 arrangement, or to digital PABX components.
Smart telephone sets with data and voice capability can be easily implemented using the MT9173/74 as a line
interface. The device’s high bandwidth and long loop length capability allows its use in a wide variety of sets. This
can be extended to provide full data and voice capability to the private subscriber by the installation of equipment in
both the home and central office or remote concentration equipment. Within the subscriber equipment the
MT9173/74 would terminate the line and encode/ decode the data and voice for transmission while additional
electronics could provide interfaces for a standard telephone set and any number of data ports supporting standard
data rates for such things as computer communications and telemetry for remote meter reading. Digital
workstations with a high degree of networking capability can be designed using the DNIC for the line interface,
offering up to 160 kbit/s data transmission over existing telephone lines. The MT9173/74 could also be valuable
within existing computer networks for connecting a large number of terminals to a computer or for intercomputer
links. With the DNIC, this can be accomplished at up to 160 kbit/s at a very low cost per line for terminal to
computer links and in many cases this bandwidth would be sufficient for computer to computer links.
Figure 1 shows the block diagram of the MT9173/74. The DNIC provides a bidirectional interface between the DV
(data/voice) port and a full duplex line operating at 80 or 160 kbit/s over a single pair of twisted wires. The DNIC has
three serial ports. The DV port (DSTi/Di, DSTo/Do), the CD (control/data) port (CDSTi/CDi, CDSTo/CDo) and a line
port (LIN, LOUT). The data on the line is made up of information from the DV and CD ports. The DNIC must combine
information received from both the DV and CD ports and put it onto the line. At the same time, the data received
from the line must be split into the various channels and directed to the proper ports. The usable data rates are 72
F0
C4
DSTi
DSTo
F0o
B17 B16 B15 B14 B13 B12 B11 B10
B17
B17
Channel Time 0
B17 B16 B15 B14 B13 B12 B11 B10
B27 B26 B25 B24 B23 B22 B21 B20
B27 B26 B25 B24 B23 B22 B21 B20
Channel Time 16


Similar Part No. - MT9174

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT9174 MITEL-MT9174 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT9174AE MITEL-MT9174AE Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT9174AE MITEL-MT9174AE Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT9174AN MITEL-MT9174AN Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
More results

Similar Description - MT9174

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com