Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9196AS Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT9196AS
Description  Integrated Digital Phone Circuit (IDPC)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9196AS Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT9196AS Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9196AS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 1995-2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Programmable m-Law/A-Law CODEC and
Filters
Programmable CCITT (G.711)/sign-magnitude
coding
Programmable transmit, receive and side-tone
gains
Digital DTMF and single tone generation
Fully differential interface to handset
transducers
Auxiliary analog interface
Interface to ST-BUS/SSI (compatible with GCI)
Serial microport control
Single 5 volt supply, low power operation
Anti-howl circuit for group listening
speakerphone applications
Applications
Digital telephone sets
Wireless telephones
Local area communications stations
Description
The MT9196 Integrated Digital Phone Circuit (IDPC) is
designed for use in digital phone products. The device
incorporates a built-in Filter/Codec, digital gain pads,
DTMF generator and tone ringer. Complete telephony
interfaces are provided for connecting to handset and
speakerphone transducers. Internal register access is
provided through a serial microport compatible with
various industry standard micro-controllers.
The device is fabricated in Zarlink's ISO2-CMOS
technology ensuring low power consumption and high
reliability.
January 2006
Ordering Information
MT9196AP
28 Pin PLCC
Tubes
MT9196AE
28 Pin PDIP
Tubes
MT9196AS
28 Pin SOIC
Tubes
MT9196ASR
28 Pin SOIC
Tape & Reel
MT9196APR
28 Pin PLCC
Tape & Reel
MT9196AE1
28 Pin PDIP*
Tubes
MT9196APR1
28 Pin PLCC*
Tape & Reel
MT9196AP1
28 Pin PLCC*
Tubes
MT9196AS1
28 Pin SOIC*
Tubes
MT9196ASR1
28 Pin SOIC*
Tape & Reel
*Pb Free Matte Tin
-40
°C to +85°C
ISO2-CMOS
MT9196
Integrated Digital Phone Circuit (IDPC)
Data Sheet
Figure 1 - Functional Block Diagram
VSSD
VDD
VSSA
VSS SPKR
VBias
VRef
Din
Dout
STB/F0i
CLOCKin
XSTL2
WD
PWRST
IC
CS
DATA1
DATA2
SCLK
AUXin
AUXout
MIC +
M -
M +
HSPKR +
HSPKR -
SPKR +
SPKR -
Digital Gain & Tone Generator
Filter/Codec Gain
21/ - 24dB
∆3.0dB
Tx & Rx
Encoder
Decoder
7dB
-7dB
Transducer
Interface
Flexible
Digital
Interface
Timing
ST-BUS
C & D
Channels
Serial Microport
IRQ


Similar Part No. - MT9196AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9196AS MITEL-MT9196AS Datasheet
442Kb / 38P
   ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
More results

Similar Description - MT9196AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9196 MITEL-MT9196 Datasheet
442Kb / 38P
   ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4090B TEMIC-U4090B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P_05 Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
   Single-Chip Handsfree Phone CMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com