Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4046AN Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC4046AN
Description  Phase?묹ocked Loop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4046AN Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC4046AN Datasheet HTML 6Page - ON Semiconductor MC74HC4046AN Datasheet HTML 7Page - ON Semiconductor MC74HC4046AN Datasheet HTML 8Page - ON Semiconductor MC74HC4046AN Datasheet HTML 9Page - ON Semiconductor MC74HC4046AN Datasheet HTML 10Page - ON Semiconductor MC74HC4046AN Datasheet HTML 11Page - ON Semiconductor MC74HC4046AN Datasheet HTML 12Page - ON Semiconductor MC74HC4046AN Datasheet HTML 13Page - ON Semiconductor MC74HC4046AN Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC74HC4046A
http://onsemi.com
10
Figure 11. Input Resistance at SIGIN, COMPIN with
DVI = 1.0 V at Self−Bias Point
Figure 12. Input Current at SIGIN, COMPIN with
DVI = 500 mV at Self−Bias Point
Figure 13. Offset Voltage at Demodulator Output as
a Function of VCOIN and RS
Figure 13A. Frequency Stability versus Ambient
Temperature: VCC = 3.0 V
800
0
VCC=3.0 V
VCC=4.5 V
VCC=6.0 V
1/2 VCC−1.0 V
1/2 VCC
4.0
−4.0
1/2VCC − 500 mV
VI (V)
1/2 VCC
1/2 VCC + 500 mV
0
6.0
0
0
3.0
6.0
VCC=4.5 V RS=300k
VCC=4.5 V RS=50k
VCC=3.0 V RS=300k
VCC=3.0 V RS=50k
DEMOD OUT
15
10
5.0
0
−5.0
−10
−15
−100
−50
0
50
100
150
R1=100kW
R1=300kW
R1=3.0kW
R1=100kW
R1=300kW
R1=3.0kW
VCC = 3.0 V
C1=100pF; R2= ∞; VVCOIN=1/3VCC
AMBIENT TEMPERATURE (°C)
VCC=3.0 V
VCC=4.5 V
VCC=6.0 V
400
VCC=6.0 V RS=300k
VCC=6.0 V RS=50k
Figure 13B. Frequency Stability versus Ambient
Temperature: VCC = 4.5 V
Figure 13C. Frequency Stability versus Ambient
Temperature: VCC = 6.0 V
R1=100kW
R1=300kW
R1=3.0kW
15
10
5.0
0
−5.0
−10
−15
−100
−50
0
50
100
150
VCC =4.5 V
C1=100pF; R2= ∞; VVCOIN =1/2VCC
AMBIENT TEMPERATURE (°C)
R1=100kW
R1=3.0kW
6.0
4.0
0
−2.0
−10
−100
−50
0
50
100
150
VCC =6.0 V
C1=100pF; R2= ∞; VVCOIN=1/2VCC
AMBIENT TEMPERATURE (°C)
−8.0
−6.0
−4.0
2.0
8.0
10
R1=300kW
1/2 VCC+1.0 V
VI (V)
VCOIN (V)


Similar Part No. - MC74HC4046AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AN ONSEMI-MC74HC4046AN Datasheet
290Kb / 16P
   Phase-Locked Loop
March, 2000 ??Rev. 7
More results

Similar Description - MC74HC4046AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14046B ONSEMI-MC14046B Datasheet
181Kb / 7P
   Phase Locked Loop
REV 4
logo
Z-Communications, Inc
PCA0300A-LF ZCOMM-PCA0300A-LF_10 Datasheet
169Kb / 2P
   PHASE LOCKED LOOP
PSA0869A-LF ZCOMM-PSA0869A-LF_10 Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA1650A ZCOMM-PSA1650A_10 Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
82Kb / 2P
   PHASE LOCKED LOOP
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA2570C ZCOMM-PSA2570C Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3245C-LF ZCOMM-PSA3245C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com