Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFU310LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBFU310LT1
Description  JFET Transistor N-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFU310LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBFU310LT1 Datasheet HTML 1Page - ON Semiconductor MMBFU310LT1 Datasheet HTML 2Page - ON Semiconductor MMBFU310LT1 Datasheet HTML 3Page - ON Semiconductor MMBFU310LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBFU310LT1
http://onsemi.com
3
ID, DRAIN CURRENT (mA)
100 k
10 k
1.0 k
100
1.0 k
100
10
1.0
0.01
0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100
VGS(off) = −2.3 V =
VGS(off) = −5.7 V =
Figure 3. Common−Source Output Admittance
and Forward Transconductance vs Drain Current
Yfs
Yfs
Yos
VGS, GATE SOURCE VOLTAGE (VOLTS)
5.0
4.0
3.0
2.0
1.0
0
6.0
7.0
8.0
9.0
10
10
7.0
4.0
1.0
0
120
96
72
48
24
0
RDS
Cgs
Cgd
Figure 4. On Resistance and Junction
Capacitance vs Gate−Source Voltage
30
24
18
12
6.0
0
1000
100
200
300
500
700
f, FREQUENCY (MHz)
3.0
2.4
1.8
1.2
0.6
|S21|, |S11|
0.45
0.39
0.33
0.27
0.21
0.15
0.85
0.79
0.73
0.67
0.61
0.55
|S12|, |S22|
0.060
0.048
0.036
0.024
0.012
1.00
0.98
0.96
0.94
0.92
0.90
1000
100
200
300
500
700
f, FREQUENCY (MHz)
Figure 5. Common−Gate Y Parameter
Magnitude vs Frequency
Figure 6. Common−Gate S Parameter
Magnitude vs Frequency
VDS = 10 V
ID = 10 mA
TA = 25°C
Y11
Y21
Y22
Y12
S22
S21
S11
S12
VDS = 10 V
ID = 10 mA
TA = 25°C
f, FREQUENCY (MHz)
q21, q11
50
°
40
°
30
°
20
°
10
°
0
°
180
°
170
°
160
°
150
°
140
°
130
°
q12, q22
−2 0
°
−40
°
−80
°
−120
°
−160
°
−200
°
−20
°
−60
°
−100
°
−140
°
−180
°
87
°
86
°
85
°
84
°
83
°
82
°
1000
100
200
300
500
700
Figure 7. Common−Gate Y Parameter
Phase−Angle vs Frequency
f, FREQUENCY (MHz)
q11, q12
120
°
100
°
80
°
60
°
40
°
20
°
−20
°
−40
°
−60
°
−80
°
−100
°
−120
°
q21, q22
0
−40
°
−80
°
−20
°
−60
°
−100
°
1000
100
200
300
500
700
Figure 8. S Parameter Phase−Angle
vs Frequency
q22
q21
q12
q11
VDS = 10 V
ID = 10 mA
TA = 25°C
q11
q21
q22
q21
q11
q12
VDS = 10 V
ID = 10 mA
TA = 25°C


Similar Part No. - MMBFU310LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBFU310LT1 MOTOROLA-MMBFU310LT1 Datasheet
161Kb / 6P
   JFET Transistor
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1 Datasheet
161Kb / 6P
   JFET Transistor
MMBFU310LT1G ONSEMI-MMBFU310LT1G Datasheet
109Kb / 4P
   JFET Transistor
February, 2011 ??Rev. 5
MMBFU310LT1G ONSEMI-MMBFU310LT1G Datasheet
172Kb / 4P
   JFET Transistor
October, 2016 ??Rev. 6
MMBFU310LT1G ONSEMI-MMBFU310LT1G_16 Datasheet
172Kb / 4P
   JFET Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBFU310LT1

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4302 NJSEMI-2N4302 Datasheet
116Kb / 2P
   N-Channel JFET Silicon Transistor
logo
Solid States Devices, I...
FT0010B SSDI-FT0010B Datasheet
78Kb / 2P
   Dual N-Channel JFET Transistor
FT0010B SSDI-FT0010B_15 Datasheet
78Kb / 2P
   Dual N-Channel JFET Transistor
logo
ON Semiconductor
MMBF5457LT1 ONSEMI-MMBF5457LT1 Datasheet
56Kb / 6P
   JFET - General Purpose Transistor N-Channel
July, 2005 ??Rev. 4
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com