Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9196APR Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT9196APR
Description  Integrated Digital Phone Circuit (IDPC)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9196APR Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT9196APR Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9196APR Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MT9196
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1M-
Inverting Microphone (Input). Inverting input to microphone amplifier from the handset
microphone.
2M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier from the
handset microphone.
3VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external amplifiers.
Connect 0.1
µF capacitor to V
SSA.
4VRef
Reference voltage for codec (Output). Nominally [(VDD/2)-1.5] volts. Used internally.
Connect 0.1
µF capacitor to V
SSA.
5PWRST
Power-up Reset (Input). CMOS compatible input with Schmitt Trigger (active low).
6IC
Internal Connection. Tie externally to VSS for normal operation.
7VSSD
Digital Ground. Nominally 0 volts.
8CS
Chip Select (Input). This input signal is used to select the device for microport data
transfers. Active low. TTL level compatible.
9SCLK
Serial Port Synchronous Clock (Input). Data clock for microport. TTL level compatible.
10
DATA1
Bidirectional Serial Data. Port for microprocessor serial data transfer. In Motorola/National
mode of operation, this pin becomes the data transmit pin only and data receive is
performed on the DATA2 pin. TTL level compatible input levels.
11
DATA2
Serial Data Receive. In Motorola/National mode of operation, this pin is used for data
receive to the IDPC. In Intel mode, serial data transmit and receive are performed on the
DATA1 pin and DATA2 is disconnected. Input level TTL compatible.
12
WD
Watchdog (Output). Watchdog timer output. Active high.
13
IRQ
Interrupt Request (Open Drain Output). Low true interrupt output to microcontroller.
AUXin
MIC+
VDD
HSPKR-
HSPKR+
SPKR-
SPKR+
VSS SPKR
AUXout
VSSA
STB/F0i
CLOCKin
XSTAL2
Din
M-
M+
VBias
VRef
PWRST
IC
VSSD
CS
SCLK
DATA1
DATA2
IRQ
WD
Dout
28 PIN PLCC
28 PIN SOIC/PDIP
1
6
5
43
2
7
8
9
10
11
23
19
20
21
22
24
25
26
27
28
PWRST
IC
VSSD
CS
SCLK
DATA1
DATA2
VDD
HSPKR-
HSPKR+
SPKR-
SPKR+
VSS SPKR
AUXout
12 13 14 15 16 17 18
17
18
19
20
28
27
26
25
24
23
22
21
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - MT9196APR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9196AP MITEL-MT9196AP Datasheet
442Kb / 38P
   ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
More results

Similar Description - MT9196APR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9196 MITEL-MT9196 Datasheet
442Kb / 38P
   ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4090B TEMIC-U4090B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P_05 Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
   Single-Chip Handsfree Phone CMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com