Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT489LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT489LT1
Description  High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT489LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT489LT1 Datasheet HTML 1Page - ON Semiconductor MMBT489LT1 Datasheet HTML 2Page - ON Semiconductor MMBT489LT1 Datasheet HTML 3Page - ON Semiconductor MMBT489LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBT489LT1/D
MMBT489LT1
High Current Surface Mount
NPN Silicon Switching
Transistor for Load
Management in
Portable Applications
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
30
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
1.0
A
Collector Current − Peak
ICM
2.0
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 1)
@TA = 25°C
Derate above 25
°C
PD
310
2.5
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
403
°C/W
Total Device Dissipation (Note 2)
@TA = 25°C
Derate above 25
°C
PD
710
5.7
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 2)
RqJA
176
°C/W
Total Device Dissipation (Single Pulse < 10 s)
PDsingle
575
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR− 4 @ Minimum Pad
2. FR− 4 @ 1.0 X 1.0 inch Pad
Device
Package
Shipping
ORDERING INFORMATION
MMBT489LT1
SOT−23
3000/Tape & Reel
COLLECTOR
3
1
BASE
2
EMITTER
30 VOLTS, 2.0 AMPERES
NPN TRANSISTOR
SOT−23 (TO−236)
CASE 318
STYLE 6
3
2
1
http://onsemi.com
MMBT489LT1
SOT−23
3000/Tape & Reel
MMBT489LT1G
SOT−23
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
N3 M
G
G
N3 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM


Similar Part No. - MMBT489LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT489LT1 ONSEMI-MMBT489LT1 Datasheet
64Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
July, 2003 ??Rev. 3
MMBT489LT1G ONSEMI-MMBT489LT1G Datasheet
127Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
August, 2009 ??Rev. 5
MMBT489LT1G ONSEMI-MMBT489LT1G Datasheet
95Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
October, 2016 ??Rev. 6
MMBT489LT1G ONSEMI-MMBT489LT1G_16 Datasheet
95Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBT489LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT489LT1 ONSEMI-MMBT489LT1 Datasheet
64Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
July, 2003 ??Rev. 3
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1_05 Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MMBT589LT1G ONSEMI-MMBT589LT1G_09 Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
MMBT589LT1 ONSEMI-MMBT589LT1_07 Datasheet
64Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
January, 2007 ??Rev. 4
NST489AMT1 ONSEMI-NST489AMT1 Datasheet
65Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
April, 2006 ??Rev. 7
NST489AMT1-D ONSEMI-NST489AMT1-D Datasheet
144Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
November, 2011 ??Rev. 8
NSS35200CF8T1G ONSEMI-NSS35200CF8T1G Datasheet
66Kb / 6P
   High Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications
April, 2005 ??Rev. 2
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
MMBT489LT1G ONSEMI-MMBT489LT1G_16 Datasheet
95Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com