Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9173AN1 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT9173AN1
Description  Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9173AN1 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT9173AN1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9173AN1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MT9173/74
Data Sheet
3
Zarlink Semiconductor Inc.
Figure 3 - DV Port - 80 kbit/s (Modes 2, 3, 6)
14
16
DSTi/Di
Data ST-BUS In/Data In (Digital). A 2.048 Mbit/s serial PCM/data input in DN mode.
In MOD mode this is a continuous bit stream at the bit rate selected.
15
17
F0o/RCK Frame Pulse Out/Receive Bit Rate Clock output (Digital). In DN mode a 244 ns
wide negative pulse indicating the end of the active channel times of the device to
allow daisy chaining. In MOD mode provides the receive bit rate clock to the system.
16
19
C4/TCK
Data Clock/Transmit Baud Rate Clock (Digital). A 4.096 MHz TTL compatible clock
input for the MASTER and output for the SLAVE in DN mode. For MOD mode this pin
provides the transmit bit rate clock to the system.
17
21
OSC2
Oscillator Output. CMOS Output.
19
22
OSC1
Oscillator Input. CMOS Input. D.C. couple signals to this pin. Refer to D.C. Electrical
Characteristics for OSC1 input requirements.
20
23
Precan
Precanceller Disable. When held to Logic ’1’, the internal path from LOUT to the
precanceller is forced to VBias thus bypassing the precanceller section. When logic ’0’,
the LOUT to the precanceller path is enabled and functions normally. An internal
pulldown (50 k
Ω) is provided on this pin.
18
1,6,
18,
20,
25
NC
No Connection. Leave open circuit
21
24
LOUT DIS LOUT Disable. When held to logic “1”, LOUT is disabled (i.e., output = VBias). When
logic “0”, LOUT functions normally. An internal pulldown (50 kΩ) is provided on this pin.
22
26
TEST
Test Pin. Connect to VSS.
23
27
LIN
Receive Signal input (Analog).
24
28
VDD
Positive Power Supply (+5 V) input.
Pin Description (continued)
Pin #
Name
Description
24
28
F0
C4
DSTi
DSTo
F0o
B17
B16
B15
B14
B13
B12
B11
B10
B17
B16
B15
B14
B13
B12
B11
B10
B17
B17
Channel Time 0


Similar Part No. - MT9173AN1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9173AN MITEL-MT9173AN Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
More results

Similar Description - MT9173AN1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com