Selected language     English  ▼


MMBT2132T3_06 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MMBT2132T3_06
Description  General Purpose Transistors NPN Bipolar Junction Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 1
1
Publication Order Number:
MMBT2132T3/D
MMBT2132T3
General Purpose
Transistors
NPN Bipolar Junction Transistor
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
30
V
Collector−Base Voltage
VCBO
40
V
Emitter−Base Voltage
VEBO
5.0
V
Collector Current
IC
700
mA
Base Current
IB
350
mA
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance, Junction−to−Ambient
(Note 1)
PD
PD
RqJA
342
178
366
mW
mW
°C/W
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance, Junction−to−Ambient
(Note 2)
PD
PD
RqJA
665
346
188
mW
mW
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Minimum FR−4 or G−10 PCB, Operating to Steady State.
2. Mounted onto a 2
″ square FR−4 Board (1″ sq 2 oz Cu 0.06″ thick single sided),
Operating to Steady State.
0.7 AMPS
30 VOLTS − V(BR)CEO
342 mW
COLLECTOR
PINS 2, 5
BASE
PIN 6
EMITTER
PIN 3
http://onsemi.com
1
6
TSOP−6/SC−74
CASE 318F
STYLE 2
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MMBT2132T3
TSOP−6
10,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DC
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
MMBT2132T3G
TSOP−6
(Pb−Free)
10,000/Tape & Reel
DC M
G
G
*Date Code orientation may vary depending
upon manufacturing location.
(Note: Microdot may be in either location)
1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
BCY56GENERAL PURPOSE LOW POWER NPN SWITCHING TRANSISTOR 1 2 Seme LAB
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
2SC9011AM CONVERTER AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR 1 2 Usha India Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl