Selected language     English  ▼


MMBT2132T3_06 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MMBT2132T3_06
Description  General Purpose Transistors NPN Bipolar Junction Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
MMBT2132T3
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Base Breakdown Voltage
(IC = 100 mAdc)
V(BR)CBO
40
Vdc
Collector −Emitter Breakdown Voltage
(IC = 10 mAdc)
V(BR)CEO
30
Vdc
Emitter−Base Breakdown Voltage
(IE = 100 mAdc)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 25 Vdc, IE = 0 Adc)
(VCB = 25 Vdc, IE = 0 Adc, TA = 125°C)
ICBO
1.0
10
mAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0 Adc)
IEBO
10
mAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 3.0 Vdc, IC = 100 mAdc)
hFE
150
Vdc
Collector −Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.25
Vdc
Collector −Emitter Saturation Voltage
(IC = 700 mAdc, IB = 70 mAdc)
VCE(sat)
0.4
Vdc
Base−Emitter Saturation Voltage
(IC = 700 mAdc, IB = 70 mAdc)
VBE(sat)
1.1
Vdc
Collector−Emitter Saturation Voltage
(IC = 700 mAdc, VCE = 1.0 Vdc)
VBE(on)
1.0
Vdc
Figure 1. Collector Saturation Region
Figure 2. Collector Saturation Region
Figure 3. DC Current Gain
Figure 4. “ON” Voltages
0.1
0.000001
IB, BASE CURRENT (A)
0.3
0.2
1.0
0.01
IC, COLLECTOR CURRENT (A)
1000
100
IC, COLLECTOR CURRENT (A)
0.001
1.0
0.1
0.001
0.01
0.1
0
0.0001
0.001
0.01
0.1
0.1
1.0
IC = 1.0 mA
0.7 A
0.00001
0.1
0.000001
IB, BASE CURRENT (A)
0.1
0
0.0001
0.001
0.01
IC = 1.0 mA
0.00001
VCE = 3.0 V
10 mA
0.1 A
0.5 A
10 mA
0.1 A
−40°C
150°C
25°C
VBE(sat)
VCE(sat)
IC/IB = 10
0.01




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
BCY56GENERAL PURPOSE LOW POWER NPN SWITCHING TRANSISTOR 1 2 Seme LAB
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
2SC9011AM CONVERTER AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR 1 2 Usha India Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl