Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6427LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT6427LT1
Description  Darlington Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6427LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT6427LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 4Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 5Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT6427LT1
http://onsemi.com
3
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kW)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kW)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100 mA
10 mA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100 mA
10 mA
2.0
5.0
10
20
50
100
200
500
1000
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 mA
100 mA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500 1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 mA
100 mA
IC = 1.0 mA
10 20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k


Similar Part No. - MMBT6427LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
MMBT6427LT1G ONSEMI-MMBT6427LT1G_09 Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
More results

Similar Description - MMBT6427LT1_06

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
   NPN Silicon Darlington Transistor
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
GTM CORPORATION
GMPSA14 GTM-GMPSA14 Datasheet
153Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com