Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4046AFEL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC4046AFEL
Description  Phase?묹ocked Loop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4046AFEL Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC4046AFEL Datasheet HTML 2Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 3Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 4Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 5Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 6Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 7Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 8Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 9Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MC74HC4046A
http://onsemi.com
6
SWITCHING WAVEFORMS
SIGIN, COMPIN
INPUTS
50%
90%
50%
10%
PCPOUT, PC1OUT
PC3OUT
OUTPUTS
VCC
GND
tPHL
tPLH
tTLH
tTHL
SIGIN
INPUT
COMPIN
INPUT
50%
90%
50%
PC2OUT
OUTPUT
VCC
GND
tPZH
tPHZ
50%
VCC
GND
VOH
HIGH
IMPEDANCE
SIGIN
INPUT
COMPIN
INPUT
50%
10%
PC2OUT
OUTPUT
VCC
GND
tPZL
tPLZ
50%
VCC
GND
VOL
HIGH
IMPEDANCE
TEST POINT
CL*
OUTPUT
DEVICE
UNDER
TEST
*INCLUDES ALL PROBE AND JIG CAPACITANCE
50%
Figure 2.
Figure 3.
Figure 4.
Figure 5. Test Circuit


Similar Part No. - MC74HC4046AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AFEL ONSEMI-MC74HC4046AFEL Datasheet
290Kb / 16P
   Phase-Locked Loop
March, 2000 ??Rev. 7
More results

Similar Description - MC74HC4046AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14046B ONSEMI-MC14046B Datasheet
181Kb / 7P
   Phase Locked Loop
REV 4
logo
Z-Communications, Inc
PCA0300A-LF ZCOMM-PCA0300A-LF_10 Datasheet
169Kb / 2P
   PHASE LOCKED LOOP
PSA0869A-LF ZCOMM-PSA0869A-LF_10 Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA1650A ZCOMM-PSA1650A_10 Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
82Kb / 2P
   PHASE LOCKED LOOP
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA2570C ZCOMM-PSA2570C Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3245C-LF ZCOMM-PSA3245C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com