Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT04A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT04A
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT04A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT04A_06 Datasheet HTML 1Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 2Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 3Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 4Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 5Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 6Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 7Page - ON Semiconductor MC74HCT04A_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HCT04A
http://onsemi.com
4
AC CHARACTERISTICS (VCC = 5.0V ±10%, CL = 50pF, Input tr = tf = 6ns)
Guaranteed Limit
Symbol
Parameter
−55 to 25°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
15
17
19
21
22
26
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
3. For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor
High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Inverter)*
Typical @ 25°C, VCC = 5.0 V
pF
22
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).
Figure 1. Switching Waveforms
GND
3.0V
OUTPUT Y
INPUT A
CL*
*Includes all probe and jig capacitance
TEST
POINT
90%
1.3V
10%
tTLH
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
Y
A
Figure 3. Expanded Logic Diagram
(1/6 of the Device Shown)
tTHL
2.7V
1.3V
0.3V
tPLH
tPHL
tf
tr


Similar Part No. - MC74HCT04A_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
MC74HCT04ADR2 ONSEMI-MC74HCT04ADR2 Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
More results

Similar Description - MC74HCT04A_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com